Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8200AMMREP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL8200AMMREP
Description  Complete Current Share 10A DC/DC Power Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8200AMMREP Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL8200AMMREP Datasheet HTML 1Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 2Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 3Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 4Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 5Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 6Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 7Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 8Page - Renesas Technology Corp ISL8200AMMREP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
FN8287 Rev 2.00
Page 1 of 24
June 3, 2015
FN8287
Rev 2.00
June 3, 2015
ISL8200AMM
Complete Current Share 10A DC/DC Power Module
DATASHEET
The ISL8200AMMREP is a simple and easy to use high
power, current-sharing DC/DC power module for
Datacom/Telecom/FPGA power hungry applications. All that
is needed is the ISL8200AMMREP, a few passive
components and one VOUT setting resistor to have a
complete 10A design ready for market.
The ease of use virtually eliminates the design and
manufacturing risks while dramatically improving time to
market.
Need more output current? Parallel up to six ISL8200AMMREP
modules to scale up to a 60A solution.
The simplicity of the ISL8200AMMREP is in its "Off The Shelf",
unassisted implementation versus a discrete implementation.
Patented current sharing in multi-phase operation greatly
reduces ripple currents, BOM cost and complexity. For
example, parallel 2 for 20A and up to 6 for 60A. The output
voltage can be precisely regulated to as low as 0.6V with ±1%
output voltage regulation over line, load, and temperature
variations.
The ISL8200AMMREP’s thermally enhanced, compact QFN
package, operates at full load and over-temperature, without
requiring forced air cooling. It's so thin it can even fit on the
back side of the PCB. Easy access to all pins with few external
components, reduces the PCB design to a component layer
and a simple ground layer.
Features
• Specifications per DLA VID V62/10608
• Complete Switch Mode Power Supply in One Package
• Patented Current Share Architecture Reduces Layout
Sensitivity when Modules are Paralleled
• Programmable Phase Shift (1 to 6 Phase)
• Extremely Low Profile (2.2mm Height)
• Input Voltage Range +3.0V to +20V at 10A, Current Share
up to 60A
• A Single Resistor Sets VOUT from +0.6V to +6V
• Output Overvoltage, Overcurrent and Over-Temperature
Protection and Undervoltage Indication
• Full Mil-Temp Electrical Performance from -55°C to +125°C
• Full Traceability Through Assembly and Test by Date/Trace
Code Assignment
• Enhanced Process Change Notification
• Enhanced Obsolescence Management
Applications
• Servers, Telecom and Datacom Applications
• Industrial and Medical Equipment
• Point of Load Regulation
Related Literature
• AN1738 “ISL8200AMEV1PHZ Evaluation Board User’s
Guide”
• ISL8200AMMREP iSim Model - (Product Information Page)
Complete Functional Schematic
FIGURE 1. COMPLETE 10A DESIGN, JUST SELECT RSET FOR
THE DESIRED VOUT
ISL8200AMMREP Package
FIGURE 2. THE 2.2mm HEIGHT IS IDEAL FOR THE BACKSIDE
OF PCBS WHEN SPACE AND HEIGHT ARE PREMIUM
PVIN
VIN
EN
FF
VOUT
VOUT_SET
VSEN_REM-
PGND1
ISL8200AMMREP
POWER MODULE
ISHARE
PVIN = 3V TO 20V
VIN = 4.5V TO 20V
V0UT =
0.6V TO 6.0V
RSET
5k
10µF
NOTE: For input voltage higher than 4.5V, VIN can be tied to PVIN directly
(see Figure 22 for details).
15
mm
15
m
m
2.2mm


Similar Part No. - ISL8200AMMREP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8200AMMREP INTERSIL-ISL8200AMMREP Datasheet
1Mb / 24P
Complete Current Share 10A DC/DC Power Module
November 27, 2012
More results

Similar Description - ISL8200AMMREP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8200M INTERSIL-ISL8200M Datasheet
1Mb / 23P
Complete Current Share 10A DC/DC Power Supply
December 22, 2009
ISL8204M INTERSIL-ISL8204M Datasheet
1Mb / 20P
Complete High Efficiency DC/DC Power Module
February 25, 2010
ISL8200M INTERSIL-ISL8200M_10 Datasheet
1Mb / 23P
Complete Current Share 10A DC/DC Power Module
February 26, 2010
ISL8200AM INTERSIL-ISL8200AM Datasheet
1Mb / 24P
Complete Current Share 10A DC/DC Power Module
September 13, 2012
ISL8200AMM INTERSIL-ISL8200AMM Datasheet
1Mb / 24P
Complete Current Share 10A DC/DC Power Module
November 27, 2012
ZL9010M INTERSIL-ZL9010M Datasheet
1Mb / 30P
Digital DC/DC PMBus 10A Power Module
March 5, 2013
logo
Renesas Technology Corp
ISL8200M RENESAS-ISL8200M Datasheet
2Mb / 25P
Complete Current Share 10A DC/DC Power Module
ISL8200AM RENESAS-ISL8200AM Datasheet
1Mb / 25P
Complete Current Share 10A DC/DC Power Module
ISL8204M RENESAS-ISL8204M Datasheet
1Mb / 19P
Complete High Efficiency DC/DC Power Module
ISL8200MM RENESAS-ISL8200MM Datasheet
1Mb / 24P
Complete Current Share 10A DC/DC Power Module
Mar 15, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com