Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3160 Datasheet(PDF) 11 Page - Applied Micro Circuits Corporation

Part # CS3160
Description  2.5 Gbps Wide Bandwidth Transimpedance Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS3160 Datasheet(HTML) 11 Page - Applied Micro Circuits Corporation

Back Button CS3160 Datasheet HTML 3Page - Applied Micro Circuits Corporation CS3160 Datasheet HTML 4Page - Applied Micro Circuits Corporation CS3160 Datasheet HTML 5Page - Applied Micro Circuits Corporation CS3160 Datasheet HTML 6Page - Applied Micro Circuits Corporation CS3160 Datasheet HTML 7Page - Applied Micro Circuits Corporation CS3160 Datasheet HTML 8Page - Applied Micro Circuits Corporation CS3160 Datasheet HTML 9Page - Applied Micro Circuits Corporation CS3160 Datasheet HTML 10Page - Applied Micro Circuits Corporation CS3160 Datasheet HTML 11Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
S3160 – 2.5 Gbps Wide Bandwidth Transimpedance Amplifier
AMCC Confidential and Proprietary
11
Revision A – August 12, 2004
Data Sheet
Ordering Information
Applied Micro Circuits Corporation
6290 Sequence Dr., San Diego, CA 92121
Phone: (858) 450-9333 — (800) 755-2622 — Fax: (858) 450-9885
http://www.amcc.com
AMCC reserves the right to make changes to its products, its datasheets, or related documentation, without notice and war-
rants its products solely pursuant to its terms and conditions of sale, only to substantially comply with the latest available
datasheet. Please consult AMCC’s Term and Conditions of Sale for its warranties and other terms, conditions and limitations.
AMCC may discontinue any semiconductor product or service without notice, and advises its customers to obtain the latest
version of relevant information to verify, before placing orders, that the information is current. AMCC does not assume any lia-
bility arising out of the application or use of any product or circuit described herein, neither does it convey any license under
its patent rights nor the rights of others. AMCC reserves the right to ship devices of higher grade in place of those of lower
grade.
AMCC SEMICONDUCTOR PRODUCTS ARE NOT DESIGNED, INTENDED, AUTHORIZED, OR WARRANTED TO BE
SUITABLE FOR USE IN LIFE-SUPPORT APPLICATIONS, DEVICES OR SYSTEMS OR OTHER CRITICAL
APPLICATIONS.
AMCC is a registered Trademark of Applied Micro Circuits Corporation. Copyright © 2005 Applied Micro Circuits Corporation.
Prefix
Package
Device
S–Integrated Circuit
3160
X
XXXX
X
Prefix
Device
Package
DI–Industrial Grade Die



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com