Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3160 Datasheet(PDF) 4 Page - Applied Micro Circuits Corporation

Part # CS3160
Description  2.5 Gbps Wide Bandwidth Transimpedance Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS3160 Datasheet(HTML) 4 Page - Applied Micro Circuits Corporation

  CS3160 Datasheet HTML 1Page - Applied Micro Circuits Corporation CS3160 Datasheet HTML 2Page - Applied Micro Circuits Corporation CS3160 Datasheet HTML 3Page - Applied Micro Circuits Corporation CS3160 Datasheet HTML 4Page - Applied Micro Circuits Corporation CS3160 Datasheet HTML 5Page - Applied Micro Circuits Corporation CS3160 Datasheet HTML 6Page - Applied Micro Circuits Corporation CS3160 Datasheet HTML 7Page - Applied Micro Circuits Corporation CS3160 Datasheet HTML 8Page - Applied Micro Circuits Corporation CS3160 Datasheet HTML 9Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
AMCC Confidential and Proprietary
Revision A – August 12, 2004
Data Sheet
S3160 – 2.5 Gbps Wide Bandwidth Transimpedance Amplifier
Figure 3. S3160 Bonding Pad Location
Note: Pad Size is 94
µm X 94 µm. The exposed area of the pad is 80 µm X 80 µm.
Die thickness is 254
µm (10 mils).
1. The circuit die size is the smallest possible size of the die. The lower left-hand corner of the circuit die is the
origin of the xy-coordinate system. Pad coordinates indicated in Table 1 are measured from this origin to the
pad's center.
2. The total die size is the largest possible size of the die. It includes a splicing area around the circuit die. The
actual size of any given die may vary in size from the minimum (circuit die) size to the maximum (total die)
size.
VCC
RBYPASS
IIN
RBYPASS
GND
GND
GND
GND
OUTN
OUTP
FILT
VCC
VCC
VCC
VCC
12
3
4
5
6
7
8
9
10
11
12
13
14
15
1.15 mm (Circuit Die Size)
1.27 mm (Total Die Size)
Total Die Size 2
X-Axis
Y-Axis
(0,0) Circuit Die Size 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com