Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3160 Datasheet(PDF) 5 Page - Applied Micro Circuits Corporation

Part # CS3160
Description  2.5 Gbps Wide Bandwidth Transimpedance Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS3160 Datasheet(HTML) 5 Page - Applied Micro Circuits Corporation

  CS3160 Datasheet HTML 1Page - Applied Micro Circuits Corporation CS3160 Datasheet HTML 2Page - Applied Micro Circuits Corporation CS3160 Datasheet HTML 3Page - Applied Micro Circuits Corporation CS3160 Datasheet HTML 4Page - Applied Micro Circuits Corporation CS3160 Datasheet HTML 5Page - Applied Micro Circuits Corporation CS3160 Datasheet HTML 6Page - Applied Micro Circuits Corporation CS3160 Datasheet HTML 7Page - Applied Micro Circuits Corporation CS3160 Datasheet HTML 8Page - Applied Micro Circuits Corporation CS3160 Datasheet HTML 9Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
S3160 – 2.5 Gbps Wide Bandwidth Transimpedance Amplifier
AMCC Confidential and Proprietary
5
Revision A – August 12, 2004
Data Sheet
Electrostatic Discharge (ESD) Sensitivity Rating - Human Body Model (HBM):
The S3160 is rated to the following ESD voltages based upon JEDEC standard: JESD22-A114-B
CLASS 0 - All pins are rated at or above 1000 volts except pins IIN, OUTP and OUTN. OUTP and OUTN are rated at 500 V and IIN is rated
to 100 volts.
Adherence to standards for ESD protection should be taken during the handling of the devices to ensure that the devices are not dam-
aged. The standards to be used are defined in ANSI standard ANSI/ESD S20.20-1999, "Protection of Electrical and Electronic Parts,
Assemblies and Equipment." Contact your local FAE or sales representative for applicable ESD application notes.
Table 2. Recommended Operating Conditions
Parameter
Min
Typ
Max
Units
Ambient Temperature, TA
-40
+85
°C
Junction Operating Temperature, TJ
-20
+105
°C
Voltage on VCC with respect to GND
3.135
3.3
3.465
V
Table 3. Absolute Maximum Ratings
The following are the absolute maximum stress ratings for the S3160. Stresses beyond those listed may cause permanent damage to the
device. Absolute maximum ratings are stress ratings only and operation of the device at the maximums stated or any other conditions beyond
those indicated in the "Recommended Operating Conditions" of this document are not inferred. Exposure to absolute maximum rating condi-
tions for extended periods may affect device reliability.
Parameter
Min
Typ
Max
Units
Voltage on VCC with respect to GND
-0.5
4
V
Voltage on all Other Pads
-0.5
VCC +0.3
V
Storage Temperature Range
-55
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com