Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3160 Datasheet(PDF) 6 Page - Applied Micro Circuits Corporation

Part # CS3160
Description  2.5 Gbps Wide Bandwidth Transimpedance Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS3160 Datasheet(HTML) 6 Page - Applied Micro Circuits Corporation

Back Button CS3160 Datasheet HTML 2Page - Applied Micro Circuits Corporation CS3160 Datasheet HTML 3Page - Applied Micro Circuits Corporation CS3160 Datasheet HTML 4Page - Applied Micro Circuits Corporation CS3160 Datasheet HTML 5Page - Applied Micro Circuits Corporation CS3160 Datasheet HTML 6Page - Applied Micro Circuits Corporation CS3160 Datasheet HTML 7Page - Applied Micro Circuits Corporation CS3160 Datasheet HTML 8Page - Applied Micro Circuits Corporation CS3160 Datasheet HTML 9Page - Applied Micro Circuits Corporation CS3160 Datasheet HTML 10Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
AMCC Confidential and Proprietary
Revision A – August 12, 2004
Data Sheet
S3160 – 2.5 Gbps Wide Bandwidth Transimpedance Amplifier
Note: AC Electrical Characteristics are guaranteed by characterization.
Table 4. AC Electrical Characteristics (Vcc = 3.3 V ± 5%, TA = -40°C to +85°C)
Parameter
Description
Min
Typ
Max
Units
Conditions
RT
AC Transimpedance
2.56
2.95
3.34
kV/A
50 Ohm load
BW
-3 dB Bandwidth
2.7
3.2
3.6
GHz
0.5 pF photodiode capacitance,
1.5 nH input bond wire
inductance.
BWLF
Low Frequency -3 dB Cutoff
45
57
kHz
No CFILT connected
IPK
Maximum Input Current
2.2
mA
Peak-to-peak
VOD
Maximum Differential output
voltage
1000
1200
mV
Peak-to-peak, differential
IIN, CL
Input Current before
clipping
250
300
µA
1 dB compression point
IND
Input Noise Current Density
6.5
9.3
pA/
√(Hz)
0 - 2.5 GHz
IN
Input Noise Current
325
465
nA
(Output rms noise)/RT, 2.5 GHz
bandwidth
JT
Total Jitter (Pk to Pk)
(At 1E-12 BER)
0.12
UI
Input is 2.488 Gbps,
223-1 PRBS. IIN = 2.2 mA
RIPPLE
Output Ripple
-0.5
+0.5
dB
1 - 2000 MHz
Group Delay
Group Delay Variation
-25
+25
pS
100 - 2500 MHz
S22
Output Reflection Coeffi-
cient
-18
dB
1 - 3500 MHz
ROUT
Output Impedance
45
50
58
Ω
Table 5. DC Electrical Characteristics (Vcc = 3.3 V ± 5%, TA = -40°C to +85°C)
Parameter
Description
Min
Typ
Max
Units
Conditions
ICC
Supply Current
40
57
mA
VBIAS
Input Bias Voltage
0.79
0.92
1.0
V
VCM
Common Mode Output Voltage
VCC
-0.9
VCC
-0.65
VCC
-0.25
V
50
Ω line termination to GND (AC
Coupled) or 100
Ω line-to-line
termination.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com