Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3160 Datasheet(PDF) 3 Page - Applied Micro Circuits Corporation

Part # CS3160
Description  2.5 Gbps Wide Bandwidth Transimpedance Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS3160 Datasheet(HTML) 3 Page - Applied Micro Circuits Corporation

  CS3160 Datasheet HTML 1Page - Applied Micro Circuits Corporation CS3160 Datasheet HTML 2Page - Applied Micro Circuits Corporation CS3160 Datasheet HTML 3Page - Applied Micro Circuits Corporation CS3160 Datasheet HTML 4Page - Applied Micro Circuits Corporation CS3160 Datasheet HTML 5Page - Applied Micro Circuits Corporation CS3160 Datasheet HTML 6Page - Applied Micro Circuits Corporation CS3160 Datasheet HTML 7Page - Applied Micro Circuits Corporation CS3160 Datasheet HTML 8Page - Applied Micro Circuits Corporation CS3160 Datasheet HTML 9Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
S3160 – 2.5 Gbps Wide Bandwidth Transimpedance Amplifier
AMCC Confidential and Proprietary
3
Revision A – August 12, 2004
Data Sheet
1. The coordinates represent the position of the center of the pad in µm, with respect to the lower left corner of the circuit die.
2. Note: I = Input pin, O = Output pin, S = Supply pin.
Table 1. S3160 Pad Assignment and Description
Pin Name
I/O
Pad #
Coordinates [X,Y] (1)
Description
VCC
S
8
9
10
11
12
[868.9, 1051.4]
[669.6, 1051.4]
[470.8, 1051.4]
[271.8, 1051.4]
[90.8, 892.5]
+3.3 V Power supply.
GND
S
1
2
3
4
[273, 91.4]
[472, 91.4]
[670.8, 91.4]
[870.1, 91.4]
Ground.
RBYPASS
I
13
15
[100.925, 702.425]
[90.9, 293.3]
Bypass connection for cathode of photodiode.
IIN
I
14
[97.575, 473.975]
PIN diode input.
FILT
I
7
[1052.3. 777]
Filter capacitor input. A capacitor to ground can be
added at this pad to reduce the low frequency -3 dB
cutoff. (See Design Procedures).
OUTN
O
6
[1049.275, 567.475]
Negative transimpedance amplifier output.
OUTP
O
5
[1049.275, 375.225]
Positive transimpedance amplifier output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com