Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9P936 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS9P936
Description  Low Skew Dual Bank DDR I/II Fan-out Buffer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9P936 Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS9P936 Datasheet HTML 1Page - Renesas Technology Corp ICS9P936 Datasheet HTML 2Page - Renesas Technology Corp ICS9P936 Datasheet HTML 3Page - Renesas Technology Corp ICS9P936 Datasheet HTML 4Page - Renesas Technology Corp ICS9P936 Datasheet HTML 5Page - Renesas Technology Corp ICS9P936 Datasheet HTML 6Page - Renesas Technology Corp ICS9P936 Datasheet HTML 7Page - Renesas Technology Corp ICS9P936 Datasheet HTML 8Page - Renesas Technology Corp ICS9P936 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
IDTTM/ICSTM
Low Skew Dual Bank DDR I/II Fan-out Buffer
1084C 12/03/09
ICS9P936
Low Skew Dual Bank DDR I/II Fan-out Buffer
3
Absolute Max
Supply Voltage
-0.5V to 3.6V
Logic Inputs
GND –0.5 V to VDD +0.5 V or 3.6V, whichever is less
Ambient Operating Temperature
0°C to +70°C
Case Temperature
115°C
Storage Temperature
–65°C to +150°C
Stresses above those listed under
Absolute Maximum Ratings may cause permanent damage to the device. These ratings are
stress specifications only and functional operation of the device at these or any other conditions above those listed in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods
may affect product reliability.
Electrical Characteristics - Input/Supply/Common Output Parameters (VDDQ2.5/1.8 = 1.8V +/- 0.1V)
TA = 0 - 70°C; Supply Voltage AVDD = 2.5V +/- 0.2V(unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input High Current
IIH
VI = VDDQ or GND
-40
µA
Input Low Current
IIL
VI = VDDQ or GND
10
µA
IDDAVDD2.5
RL = 120Ω, CL = 12pf @ 266MHz
23
26
mA
IDDVDDQ2.5/1.8 RL = 120Ω, CL = 12pf @ 266MHz
164
180
mA
Input Clamp Voltage
VIK
VDDQ = 1.8V Iin = -18mA
-1.2
V
High-level output voltage
VOH
IOH = -9 mA
1.1
V
Low-level output voltage
VOL
IOL=9 mA
0.6
V
Input Capacitance
CIN
VI = GND or VDDQ
23
4
pF
Output Capacitance
COUT
VOUT = GND or VDDQ
23
4
pF
Input clock slew rate
tsl(i)
Input clock
1
2.5
4
V/ns
Operating Supply
Current
SPEC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com