Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9P936 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS9P936
Description  Low Skew Dual Bank DDR I/II Fan-out Buffer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9P936 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS9P936 Datasheet HTML 1Page - Renesas Technology Corp ICS9P936 Datasheet HTML 2Page - Renesas Technology Corp ICS9P936 Datasheet HTML 3Page - Renesas Technology Corp ICS9P936 Datasheet HTML 4Page - Renesas Technology Corp ICS9P936 Datasheet HTML 5Page - Renesas Technology Corp ICS9P936 Datasheet HTML 6Page - Renesas Technology Corp ICS9P936 Datasheet HTML 7Page - Renesas Technology Corp ICS9P936 Datasheet HTML 8Page - Renesas Technology Corp ICS9P936 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
ICS9P936
IDTTM/ICSTM
Low Skew Dual Bank DDR I/II Fan-out Buffer
1084C
12/03/09
Low Skew Dual Bank DDR I/II Fan-out Buffer
DATASHEET
Description
Output Features
Dual DDR I/II fanout buffer for VIA Chipset
•
Low skew, fanout buffer
•
SMBus for functional and output control
•
Single bank 1-6 differential clock distribution
•
1 pair of differential feedback pins for input to output
synchronization
•
Supports up to 2 DDR DIMMs
•
266MHz (DDRI 533) output frequency support
•
400MHz (DDRII 800) output frequency support
•
Programmable skew through SMBus
•
Individual output control programmable through SMBus
Funtional Block Diagram
Key Specifications
•
OUTPUT - OUTPUT skew: <100ps
•
Output Rise and Fall Time for DDR outputs: 650ps - 950ps
•
DUTY CYCLE: 47% - 53%
•
28-pin SSOP/TSSOP package
•
RoHS compliant packaging
Pin Configuration
SCLK
SDATA
BUF_INC
BUF_INT
Control
Logic
DDRT (5:0)
DDRC (5:0)
FB_OUTC
FB_OUTT
AVDD2.5
128 GND
AGND
227 VDDQ2.5/1.8
BUF_INT
326 AVDD2.5
BUF_INC
425 AGND
DDRT0
524 DDRT5
DDRC0
623 DDRC5
DDRT1
722 GND
DDRC1
821 VDDQ2.5/1.8
GND
920 DDRT4
VDDQ2.5/1.8 10
19 DDRC4
FB_OUTT 11
18 DDRT3
FB_OUTC 12
17 DDRC3
DDRT2 13
16 SDATA
DDRC2 14
15 SCLK
28-SSOP & TSSOP


Similar Part No. - ICS9P936

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9P936 IDT-ICS9P936 Datasheet
194Kb / 12P
Low Skew Dual Bank DDR I/II Fan-out Buffer
More results

Similar Description - ICS9P936

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9179-03 ICST-ICS9179-03 Datasheet
298Kb / 10P
Low Skew Fan Out Buffers
Rev H 10/16/00
ICS95V860 ICST-ICS95V860 Datasheet
85Kb / 10P
2.5V DDR/Zero Delay Fan Out Buffer (100MHz - 225MHz)
logo
Winbond
W83176R-733 WINBOND-W83176R-733 Datasheet
287Kb / 14P
Winbond Dual Bank DDR BUFFER For VIA CHIPSET
logo
Cypress Semiconductor
CY7C129 CYPRESS-CY7C129 Datasheet
243Kb / 8P
RAM9 QDR-I/DDR-I/QDR-II/DDR- II Errata
logo
Intersil Corporation
LP2998 INTERSIL-LP2998 Datasheet
338Kb / 18P
DDR-II and DDR-I Termination Regulator
December 12, 2007
logo
Integrated Device Techn...
ICS9P936 IDT-ICS9P936 Datasheet
194Kb / 12P
Low Skew Dual Bank DDR I/II Fan-out Buffer
ICS9P935 IDT-ICS9P935 Datasheet
197Kb / 13P
DDR I/DDR II Phase Lock Loop Zero Delay Buffer
9P935AFLF IDT-9P935AFLF Datasheet
197Kb / 13P
DDR I/DDR II Phase Lock Loop Zero Delay Buffer
logo
Renesas Technology Corp
ICS9P935 RENESAS-ICS9P935 Datasheet
330Kb / 14P
DDR I/DDR II Phase Lock Loop Zero Delay Buffer
2019
ICS9179-03 RENESAS-ICS9179-03 Datasheet
598Kb / 12P
Low Skew Fan Out Buffers
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com