Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9P936 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ICS9P936
Description  Low Skew Dual Bank DDR I/II Fan-out Buffer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9P936 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ICS9P936 Datasheet HTML 2Page - Renesas Technology Corp ICS9P936 Datasheet HTML 3Page - Renesas Technology Corp ICS9P936 Datasheet HTML 4Page - Renesas Technology Corp ICS9P936 Datasheet HTML 5Page - Renesas Technology Corp ICS9P936 Datasheet HTML 6Page - Renesas Technology Corp ICS9P936 Datasheet HTML 7Page - Renesas Technology Corp ICS9P936 Datasheet HTML 8Page - Renesas Technology Corp ICS9P936 Datasheet HTML 9Page - Renesas Technology Corp ICS9P936 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
IDTTM/ICSTM
Low Skew Dual Bank DDR I/II Fan-out Buffer
1084C 12/03/09
ICS9P936
Low Skew Dual Bank DDR I/II Fan-out Buffer
6
Electrical Characteristics - Input/Supply/Common Output Parameters (VDDQ2.5/1.8 = 2.5V +/- 0.2V)
TA = 0 - 70°C; Supply Voltage AVDD = 2.5V+/-0.2V (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input High Current
IIH
VI = VDD or GND
-10
µA
Input Low Current
IIL
VI = VDD or GND
10
µA
IDDAVDD2.5
RL = 120Ω, CL = 12pf @ 200MHz
20
23
mA
IDDVDDQ2.5/1.8 RL = 120Ω, CL = 12pf @ 200MHz
220
250
mA
Input Clamp Voltage
VIK
VDDQ = 2.5V, Iin = -18mA
-1
V
High-level output voltage
VOH
IOH = -12 mA
1.7
V
Low-level output voltage
VOL
IOL = 12 mA
0.6
V
Input Capacitance
CIN
VI = GND or VDDQ
23
4
pF
Output Capacitance
COUT
VOUT = GND or VDDQ
23
4
pF
Input clock slew rate
tsl(i)
Input clock
1
2.5
4
V/ns
Operating Supply
Current
SPEC
Recommended Operating Condition (VDDQ2.5/1.8 = 2.5V +/- 0.2V) (see note1)
TA = 0 - 70°C; Supply Voltage AVDD = 2.5V+/-0.2V (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Low level input voltage
VIL
BUF_INT, BUF_INC
VDDQ/2 - 0.18
V
High level input voltage
VIH
BUF_INT, BUF_INC
VDDQ/2 + 0.18
V
DC input signal voltage
(note 2)
VIN
-0.3
VDDQ + 0.3
V
DC - BUF_INT, BUF_INC
0.36
VDDQ + 0.6
V
AC - BUF_INT, BUF_INC
0.7
VDDQ + 0.6
V
Output differential cross-
voltage (note 4)
VOX
VDDQ/2 - 0.15
VDDQ/2 + 0.15
V
Input differential cross-
voltage (note 4)
VIX
VDDQ/2 - 0.2
VDDQ/2
VDDQ/2 + 0.2
V
1. Unused inputs must be held high or low to prevent them from floating.
2. DC input signal voltage specifies the allow able DC excursion of differential input.
4. Differential cross-point voltage is expected to track variations of VDD and is the voltage at w hich the differential signal must be changed.
3. Differential inputs signal voltages specifies the differential voltage [VTR-VCP] required for sw itching, w here VTR is the true input level and
VCP is the complimentary input level.
Differential input signal
voltage (note 3)
VID
SPECIFICATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com