Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9P936 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ICS9P936
Description  Low Skew Dual Bank DDR I/II Fan-out Buffer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9P936 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ICS9P936 Datasheet HTML 5Page - Renesas Technology Corp ICS9P936 Datasheet HTML 6Page - Renesas Technology Corp ICS9P936 Datasheet HTML 7Page - Renesas Technology Corp ICS9P936 Datasheet HTML 8Page - Renesas Technology Corp ICS9P936 Datasheet HTML 9Page - Renesas Technology Corp ICS9P936 Datasheet HTML 10Page - Renesas Technology Corp ICS9P936 Datasheet HTML 11Page - Renesas Technology Corp ICS9P936 Datasheet HTML 12Page - Renesas Technology Corp ICS9P936 Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
IDTTM/ICSTM
Low Skew Dual Bank DDR I/II Fan-out Buffer
1084C 12/03/09
ICS9P936
Low Skew Dual Bank DDR I/II Fan-out Buffer
11
MIN
MAX
MIN
MAX
A
--
1.20
--
.047
A1
0.05
0.15
.002
.006
A2
0.80
1.05
.032
.041
b
0.19
0.30
.007
.012
c
0.09
0.20
.0035
.008
D
E
E1
4.30
4.50
.169
.177
e
L
0.45
0.75
.018
.030
N
α
0°
8°
0°
8°
aaa
--
0.10
--
.004
VARIATIONS
MIN
MAX
MIN
MAX
28
9.60
9.80
.378
.386
10-0035
4.40 mm. Body, 0.65 mm. Pitch TSSOP
6.40 BASIC
0.252 BASIC
0.0256 BASIC
COMMON DIMENSIONS
In Millimeters
In Inches
COMMON DIMENSIONS
(173 mil)
(25.6 mil)
SYMBOL
SEE VARIATIONS
SEE VARIATIONS
0.65 BASIC
Reference Doc.: JEDEC Publication 95, MO-153
N
SEE VARIATIONS
SEE VARIATIONS
D mm.
D (inch)
28-pin TSSOP Package Drawing and Dimensions
Ordering Information
Part / Order Number
Shipping Packaging
Package
Temperature
9P936AFLF
Tubes
28-pin SSOP
0 to +70°C
9P936AFLFT
Tape and Reel
28-pin SSOP
0 to +70°C
9P936AGLF
Tubes
28-pin TSSOP
0 to +70°C
9P936AGLFT
Tape and Reel
28-pin TSSOP
0 to +70°C
"LF" suffix to the part number are the Pb-Free configuration and are RoHS compliant.
"A" denotes the revision designator (will not correlate to datasheet revision).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com