Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9P936 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ICS9P936
Description  Low Skew Dual Bank DDR I/II Fan-out Buffer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9P936 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ICS9P936 Datasheet HTML 5Page - Renesas Technology Corp ICS9P936 Datasheet HTML 6Page - Renesas Technology Corp ICS9P936 Datasheet HTML 7Page - Renesas Technology Corp ICS9P936 Datasheet HTML 8Page - Renesas Technology Corp ICS9P936 Datasheet HTML 9Page - Renesas Technology Corp ICS9P936 Datasheet HTML 10Page - Renesas Technology Corp ICS9P936 Datasheet HTML 11Page - Renesas Technology Corp ICS9P936 Datasheet HTML 12Page - Renesas Technology Corp ICS9P936 Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
ICS9P936
Low Skew Dual Bank DDR I/II Fan-out Buffer
Innovate with IDT and accelerate your future networks. Contact:
www.IDT.com
For Sales
800-345-7015
408-284-8200
Fax: 408-284-2775
For Tech Support
408-284-6578
pcclockhelp@idt.com
Corporate Headquarters
Integrated Device Technology, Inc.
6024 Silver Creek Valley Road
San Jose, CA 95138
United States
800 345 7015
+408 284 8200 (outside U.S.)
Asia Pacific and Japan
Integrated Device Technology
Singapore (1997) Pte. Ltd.
Reg. No. 199707558G
435 Orchard Road
#20-03 Wisma Atria
Singapore 238877
+65 6 887 5505
Europe
IDT Europe, Limited
Prime House
Barnett Wood Lane
Leatherhead, Surrey
United Kingdom KT22 7DE
+44 1372 363 339
© 2006 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice. IDT and the IDT logo are trademarks of Integrated
Device Technology, Inc. Accelerated Thinking is a service mark of Integrated Device Technology, Inc. All other brands, product names and marks are or may be trademarks
or registered trademarks used to identify products or services of their respective owners.
Printed in USA
TM
Revision History
Rev.
Issue Date Description
Page #
0.1
3/23/2005
Updated Electrical Characteristics
5-9
0.2
4/1/2005
Updated Skew programming bytes and I2c programming address
3, 10
0.3
9/12/2005
Updated LF Ordering Information
11
0.4
9/14/2005
Added TSSOP Ordering Information.
12
0.5
11/13/2006 Updated I2C.
3
0.6
4/5/2007
Updated Switching Characteristics.
6
0.7
6/26/2007
Updated Max Clock Frequency.
1, 7, 10
A
4/8/2009
Released to final.
B
11/12/2009
1. Updated all electrical tables to specify VDDQ = 1.8V and 2.5V.
2. Updated ordering information table
3. Updated pinout and pin descriptions
Various
C
12/2/2009
1.Corrected Byte 19/20 default to 00 hex.
2.Corrected typos in electrical tables, made formatting improvements
for readability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com