Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9P936 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ICS9P936
Description  Low Skew Dual Bank DDR I/II Fan-out Buffer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9P936 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ICS9P936 Datasheet HTML 5Page - Renesas Technology Corp ICS9P936 Datasheet HTML 6Page - Renesas Technology Corp ICS9P936 Datasheet HTML 7Page - Renesas Technology Corp ICS9P936 Datasheet HTML 8Page - Renesas Technology Corp ICS9P936 Datasheet HTML 9Page - Renesas Technology Corp ICS9P936 Datasheet HTML 10Page - Renesas Technology Corp ICS9P936 Datasheet HTML 11Page - Renesas Technology Corp ICS9P936 Datasheet HTML 12Page - Renesas Technology Corp ICS9P936 Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
IDTTM/ICSTM
Low Skew Dual Bank DDR I/II Fan-out Buffer
1084C 12/03/09
ICS9P936
Low Skew Dual Bank DDR I/II Fan-out Buffer
9
Note: Bytes not shown are reserved and should not be altered.
I
2C Table: Output Control Register
Pin #
Name
Control Function
Type
0
1
Default
Bit 7
BUFF_IN_T/C
Frequency Detect
RW
OFF
ON
1
Bit 6
FB_OUT_T/C
FB_OUT Control
RW
Disable
Enable
1
Bit 5
DDR_T5/C5
Output Control
RW
Disable
Enable
1
Bit 4
DDR_T4/C4
Output Control
RW
Disable
Enable
1
Bit 3
DDR_T3/C3
Output Control
RW
Disable
Enable
1
Bit 2
DDR_T2/C2
Output Control
RW
Disable
Enable
1
Bit 1
DDR_T1/C1
Output Control
RW
Disable
Enable
1
Bit 0
DDR_T0/C0
Output Control
RW
Disable
Enable
1
I
2C Table: Byte Count Register
Pin #
Name
Control Function
Type
0
1
Default
Bit 7
BC7
RW
0
Bit 6
BC6
RW
0
Bit 5
BC5
RW
0
Bit 4
BC4
RW
0
Bit 3
BC3
RW
1
Bit 2
BC2
RW
1
Bit 1
BC1
RW
1
Bit 0
BC0
RW
1
Pin #
Name
Control Function
Type
0
1
Default
Bit 7
DDR_CSkw3
RW
0000 = 0
1101 = 600
0
Bit 6
DDR_CSkw2
RW
0100 = 150
1110 = 750
0
Bit 5
DDR_CSkw1
RW
1000 = 300
1111 = 900
0
Bit 4
DDR_CSkw0
RW
1100 = 450
N/A
0
Bit 3
Reserved
Reserved
RW
Reserved
Reserved
0
Bit 2
Reserved
Reserved
RW
Reserved
Reserved
0
Bit 1
FBOUTSkw1
RW
00 = 0
10 = 500
0
Bit 0
FBOUTSkw0
RW
01 = 250
11 = 750
0
Pin #
Name
Control Function
Type
0
1
Default
Bit 7
DDR_TSkw3
RW
0000 = 0
1101 = 600
0
Bit 6
DDR_TSkw2
RW
0100 = 150
1110 = 750
0
Bit 5
DDR_TSkw1
RW
1000 = 300
1111 = 900
0
Bit 4
DDR_TSkw0
RW
1100 = 450
N/A
0
Bit 3
Reserved
Reserved
RW
Reserved
Reserved
0
Bit 2
Reserved
Reserved
RW
Reserved
Reserved
0
Bit 1
Reserved
Reserved
RW
Reserved
Reserved
0
Bit 0
Reserved
Reserved
RW
Reserved
Reserved
0
-
-
-
-
Byte 8
-
-
-
-
Byte 7
-
-
-
-
DDR_C Skew Control
(also see table1)
-
-
-
Byte Count
Programming b(7:0)
Writing to this register will
configure how many bytes
will be read back, default is
0h = 15 bytes
I
2C Table: Group Skew Control Register
Byte 19
-
-
-
-
-
-
-
-
-
FB_OUT Skew Control
(also see table 2)
I
2C Table: Group Skew Control Register
Byte 20
-
DDR_T Skew Control
(also see table1)
-
-
-
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com