Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9397/PCB Datasheet(PDF) 7 Page - Analog Devices

Part # AD9397/PCB
Description  DVI Display Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9397/PCB Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9397/PCB Datasheet HTML 3Page - Analog Devices AD9397/PCB Datasheet HTML 4Page - Analog Devices AD9397/PCB Datasheet HTML 5Page - Analog Devices AD9397/PCB Datasheet HTML 6Page - Analog Devices AD9397/PCB Datasheet HTML 7Page - Analog Devices AD9397/PCB Datasheet HTML 8Page - Analog Devices AD9397/PCB Datasheet HTML 9Page - Analog Devices AD9397/PCB Datasheet HTML 10Page - Analog Devices AD9397/PCB Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
AD9397
Rev. 0 | Page 7 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
2
GREEN 7
3
GREEN 6
4
GREEN 5
7
GREEN 2
6
GREEN 3
5
GREEN 4
1
GND
8
GREEN 1
9
GREEN 0
10
VDD
12
BLUE 7
13
BLUE 6
14
BLUE 5
15
BLUE 4
16
BLUE 3
17
BLUE 2
18
BLUE 1
19
BLUE 0
20
NC
21
NC
22
NC
23
NC
24
CTL3
25
CTL2
11
GND
74
NC
GND
73
NC
72
VD
69
GND
70
NC
71
NC
75
68
NC
67
VD
66
NC
64
NC
63
NC
62
NC
61
NC
60
NC
59
PVDD
58
GND
57
NC
56
PVDD
55
GND
54
PVDD
53
GND
52
MDA
51
MCL
65
GND
PIN 1
AD9397
TOP VIEW
(Not to Scale)
NC = NO CONNECT
Figure 2. Pin Configuration
Table 5. Complete Pinout List
Pin Type
Pin No.
Mnemonic
Function
Value
INPUTS
81
PWRDN
Power-Down Control
3.3 V CMOS
DIGITAL VIDEO DATA INPUTS
35
Rx0+
Digital Input Channel 0 True
TMDS
34
Rx0−
Digital Input Channel 0 Complement
TMDS
38
Rx1+
Digital Input Channel 1 True
TMDS
37
Rx1−
Digital Input Channel 1 Complement
TMDS
41
Rx2+
Digital Input Channel 2 True
TMDS
40
Rx2−
Digital Input Channel 2 Complement
TMDS
DIGITAL VIDEO CLOCK INPUTS
43
RxC+
Digital Data Clock True
TMDS
44
RxC−
Digital Data Clock Complement
TMDS
OUTPUTS
92 to 99
RED [7:0]
Outputs of Red Converter, Bit 7 is MSB
VDD
2 to 9
GREEN [7:0]
Outputs of Green Converter, Bit 7 is MSB
VDD
12 to 19
BLUE [7:0]
Outputs of Blue Converter, Bit 7 is MSB
VDD
89
DATACK
Data Output Clock
VDD
87
HSOUT
HSYNC Output Clock (Phase-Aligned with DATACK)
VDD
85
VSOUT
VSYNC Output Clock (Phase-Aligned with DATACK)
VDD
84
O/E FIELD
Odd/Even Field Output
VDD
27, 26, 25, 24
CTL(0 to 3)
Control 0, 1, 2, 3
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com