Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9397/PCB Datasheet(PDF) 19 Page - Analog Devices

Part # AD9397/PCB
Description  DVI Display Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9397/PCB Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9397/PCB Datasheet HTML 15Page - Analog Devices AD9397/PCB Datasheet HTML 16Page - Analog Devices AD9397/PCB Datasheet HTML 17Page - Analog Devices AD9397/PCB Datasheet HTML 18Page - Analog Devices AD9397/PCB Datasheet HTML 19Page - Analog Devices AD9397/PCB Datasheet HTML 20Page - Analog Devices AD9397/PCB Datasheet HTML 21Page - Analog Devices AD9397/PCB Datasheet HTML 22Page - Analog Devices AD9397/PCB Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
AD9397
Rev. 0 | Page 19 of 28
0x23—Bit[7:0] HSYNC Duration
An 8-bit register that sets the duration of the HSYNC output
pulse. The leading edge of the HSYNC output is triggered by
the internally generated, phase-adjusted PLL feedback clock.
The AD9397 then counts a number of pixel clocks equal to the
value in this register. This triggers the trailing edge of the
HSYNC output, which is also phase-adjusted. The power-up
default is 32.
0x24—Bit[7] HSYNC Output Polarity
This bit sets the polarity of the HSYNC output. Setting this bit
to 0 sets the HSYNC output to active low. Setting this bit to 1
sets the HSYNC output to active high. Power-up default setting
is 1.
0x24—Bit[6] VSYNC Output Polarity
This bit sets the polarity of the VSYNC output (both DVI and
analog). Setting this bit to 0 sets the VSYNC output to active
low. Setting this bit to 1 sets the VSYNC output to active high.
Power-up default is 1.
0x24—Bit[5] Display Enable Output Polarity
This bit sets the polarity of the display enable (DE) for both
DVI and analog. 0 = DE output polarity is negative. 1 = DE
output polarity is positive. The power-up default is 1.
0x24—Bit[4] Field Output Polarity
This bit sets the polarity of the field output signal (both DVI
and analog) on Pin 21. 0 = active low out = even field; active
high = odd field. 1 = active high out = odd field; active high =
even field. The power-up default is 1.
0x24—Bit[0] Output Clock Invert
This bit allows inversion of the output clock as specified by
Register 0x25, Bits 7 to 6. 0 = noninverted clock. 1 = inverted
clock. The power-up default setting is 0.
0x25—Bits[7:6] Output Clock Select
These bits select the clock output on the DATACLK pin. They
include 1/2× clock, a 2× clock, a 90° phase shifted clock, or the
normal pixel clock. The power-up default setting is 01.
Table 11. Output Clock Select
Select
Result
00
½× pixel clock
01
1× pixel clock
10
2× pixel clock
11
90° phase 1× pixel clock
0x25—Bit[5:4] Output Drive Strength
These two bits select the drive strength for all the high speed
digital outputs (except VSOUT, A0 and O/E field). Higher drive
strength results in faster rise/fall times and in general makes it
easier to capture data. Lower drive strength results in slower
rise/fall times and helps to reduce EMI and digitally generated
power supply noise. The power-up default setting is 11.
Table 12. Output Drive Strength
Output Drive
Result
00
Low output drive strength
01
Medium low output drive strength
10
Medium high output drive strength
11
High output drive strength
0x25—Bits[3:2] Output Mode
These bits choose between four options for the output mode,
one of which is exclusive to an HDMI input. 4:4:4 mode is
standard RGB; 4:2:2 mode is YCrCb, which reduces the number
of active output pins from 24 to 16; 4:4:4 is double data rate
(DDR) output mode; and the data is RGB mode, but changes on
every clock edge. The power-up default setting is 00.
Table 13. Output Mode
Output Mode
Result
00
4:4:4 RGB mode
01
4:2:2 YCrCb mode + DDR 4:2:2 on blue
(secondary)
10
DDR 4:4:4: DDR mode + DDR 4:2:2 on blue
(secondary)
11
12-bit 4:2:2 (HDMI option only)
0x25—Bit[1] Primary Output Enable
This bit places the primary output in active or high impedance
mode. The primary output is designated when using either 4:2:2
or DDR 4:4:4. In these modes, the data on the red and green
output channels is the primary output, while the output data
on the blue channel (DDR YCrCb) is the secondary output.
0 = primary output is in high impedance mode. 1 = primary
output is enabled. The power-up default setting is 1.
0x25—Bit[0] Secondary Output Enable
This bit places the secondary output in active or high
impedance mode. The secondary output is designated when
using either 4:2:2 or DDR 4:4:4. In these modes, the data on
the blue output channel is the secondary output while the
output data on the red and green channels is the primary
output. Secondary output is always a DDR YCrCb data mode.
The power-up default setting is 0. 0 = secondary output is in
high impedance mode. 1 = secondary output is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com