Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9397/PCB Datasheet(PDF) 8 Page - Analog Devices

Part # AD9397/PCB
Description  DVI Display Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9397/PCB Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9397/PCB Datasheet HTML 4Page - Analog Devices AD9397/PCB Datasheet HTML 5Page - Analog Devices AD9397/PCB Datasheet HTML 6Page - Analog Devices AD9397/PCB Datasheet HTML 7Page - Analog Devices AD9397/PCB Datasheet HTML 8Page - Analog Devices AD9397/PCB Datasheet HTML 9Page - Analog Devices AD9397/PCB Datasheet HTML 10Page - Analog Devices AD9397/PCB Datasheet HTML 11Page - Analog Devices AD9397/PCB Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD9397
Rev. 0 | Page 8 of 28
Pin Type
Pin No.
Mnemonic
Function
Value
POWER SUPPLY
80, 76, 72, 67,
45, 33
VD
Analog Power Supply and DVI Terminators
3.3 V
100, 90, 10
VDD
Output Power Supply
1.8 V to 3.3 V
59, 56, 54
PVDD
PLL Power Supply
1.8 V
48, 32, 30
DVDD
Digital Logic Power Supply
1.8 V
GND
Ground
0 V
CONTROL
83
SDA
Serial Port Data I/O
3.3 V CMOS
82
SCL
Serial Port Data Clock
3.3 V CMOS
HDCP
49
DDCSCL
HDCP Slave Serial Port Data Clock
3.3 V CMOS
50
DDCSDA
HDCP Slave Serial Port Data I/O
3.3 V CMOS
51
MCL
HDCP Master Serial Port Data Clock
3.3 V CMOS
52
MDA
HDCP Master Serial Port Data I/O
3.3 V CMOS
DATA ENABLE
88
DE
Data Enable
3.3 V CMOS
RTERM
46
RTERM
Sets Internal Termination Resistance
500 Ω
Table 6. Pin Function Descriptions
Pin
Description
INPUTS
Rx0+
Digital Input Channel 0 True.
Rx0−
Digital Input Channel 0 Complement.
Rx1+
Digital Input Channel 1 True.
Rx1−
Digital Input Channel 1 Complement.
Rx2+
Digital Input Channel 2 True.
Rx2−
Digital input Channel 2 Complement.
These six pins receive three pairs of transition minimized differential signaling (TMDS ) pixel data
(at 10× the pixel rate) from a digital graphics transmitter.
RxC+
Digital Data Clock True.
RxC−
Digital Data Clock Complement.
This clock pair receives a TMDS clock at 1× pixel data rate.
PWRDN
Power-Down Control/Three-State Control.
The function of this pin is programmable via Register 0x26 [2:1].
RTERM
RTERM is the termination resistor used to drive the AD9397 internally to a precise 50 Ω termination for
TMDS lines. This should be a 500 Ω 1% tolerance resistor.
OUTPUTS
HSOUT
Horizontal Sync Output.
A reconstructed and phase-aligned version of the HSYNC input. Both the polarity and duration of this
output can be programmed via serial bus registers. By maintaining alignment with DATACK and Data,
data timing with respect to horizontal sync can always be determined.
VSOUT
Vertical Sync Output.
The separated VSYNC from a composite signal or a direct pass through of the VSYNC signal. The polarity
of this output can be controlled via the serial bus bit (Register 0x24 [6]).
FIELD
Odd/Even Field Bit for Interlaced Video. This output identifies whether the current field (in an interlaced
signal) is odd or even. The polarity of this signal is programmable via Register 0x24[4].
DE
Data Enable that defines valid video. Can be received in the signal or generated by the AD9397.
CTL(3-0)
Control 3, Control 2, Control 1, and Control 0 are output from the DVI stream. Refer to the DVI 1.0
specification for explanation.
SERIAL PORT
SDA
Serial Port Data I/O for Programming AD9397 Registers—I2C Address is 0x98.
SCL
Serial Port Data Clock for Programming AD9397 Registers.
DDCSDA
Serial Port Data I/O for HDCP Communications to Transmitter—I2C Address is 0x74 or 0x76.
DDCSCL
Serial Port Data Clock for HDCP Communications to Transmitter.
MDA
Serial Port Data I/O to EEPROM with HDCP Keys—I2C Address is 0xA0.
MCL
Serial Port Data Clock to EEPROM with HDCP Keys.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com