Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9397/PCB Datasheet(PDF) 10 Page - Analog Devices

Part # AD9397/PCB
Description  DVI Display Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9397/PCB Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9397/PCB Datasheet HTML 6Page - Analog Devices AD9397/PCB Datasheet HTML 7Page - Analog Devices AD9397/PCB Datasheet HTML 8Page - Analog Devices AD9397/PCB Datasheet HTML 9Page - Analog Devices AD9397/PCB Datasheet HTML 10Page - Analog Devices AD9397/PCB Datasheet HTML 11Page - Analog Devices AD9397/PCB Datasheet HTML 12Page - Analog Devices AD9397/PCB Datasheet HTML 13Page - Analog Devices AD9397/PCB Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD9397
Rev. 0 | Page 10 of 28
DESIGN GUIDE
GENERAL DESCRIPTION
The AD9397 is a fully integrated digital visual interface (DVI )
for receiving RGB or YUV signals for display on flat panel
monitors, projectors or PDPs. This interface is capable of
decoding HDCP-encrypted signals through connection to an
external EEPROM. The circuit is ideal for providing an
interface for HDTV monitors or as the front-end to high
performance video scan converters.
Implemented in a high performance CMOS process, the
interface can capture signals with pixel rates of up to 150 MHz.
The AD9397 includes all necessary input buffering, signal dc
restoration (clamping), offset and gain (brightness and contrast)
adjustment, pixel clock generation, sampling phase control, and
output data formatting. Included in the output formatting is a
color space converter (CSC), which accommodates any input
color space and can output any color space. All controls are
programmable via a 2-wire serial interface. Full integration of
these sensitive analog functions makes system design straight-
forward and less sensitive to the physical and electrical
environments.
DIGITAL INPUTS
All digital control inputs (HSYNC, VSYNC, I2C) on the
AD9397 operate to 3.3 V CMOS levels. In addition, all digital
inputs except the TMDS (DVI) inputs are 5 V tolerant.
(Applying 5 V to them does not cause any damage.) TMDS
inputs (Rx0+/Rx0–, Rx1+/Rx1–, Rx2+/Rx2–, and RxC+/RxC–)
must maintain a 100 Ω differential impedance (through proper
PCB layout) from the connector to the input where they are
internally terminated (50 Ω to 3.3 V). If additional ESD
protection is desired, use of a California Micro Devices (CMD)
CM1213 (among others) series low capacitance ESD protection
offers 8 kV of protection to the HDMI TMDS lines.
SERIAL CONTROL PORT
The serial control port is designed for 3.3 V logic. However, it is
tolerant of 5 V logic signals.
OUTPUT SIGNAL HANDLING
The digital outputs operate from 1.8 V to 3.3 V (VDD).
POWER MANAGEMENT
The AD9397 uses the activity detect circuits, the active interface
bits in the serial bus, the active interface override bits, the
power-down bit, and the power-down pin to determine the
correct power state. There are four power states: full-power,
seek mode, auto power-down, and power-down. Table 7
summarizes how the AD9397 determines which power mode to
be in and which circuitry is powered on/off in each of these
modes. The power-down command has priority and then the
automatic circuitry. The power-down pin (Pin 81—polarity set
by Register 0x26[3]) can drive the chip into four power-down
options. Bit 2 and Bit 1 of Register 0x26 control these four
options. Bit 0 controls whether the chip is powered down or the
outputs are placed in high impedance mode (with the exception
of SOG). Bit 7 to Bit 4 of Register 0x26 control whether the
outputs, SOG, Sony Philips digital interface (S/PDIF), or Inter-
IC sound bus (I2S or IIS) outputs are in high impedance mode
or not. See the 2-Wire Serial Control Register Detail section for
more details.
Table 7. Power-Down Mode Descriptions
Inputs
Mode
Power-Down1
Sync Detect2
Auto PD Enable3
Power-On or Comments
Full Power
1
1
X
Everything
Seek Mode
1
0
0
Everything
Seek Mode
1
0
1
Serial bus, sync activity detect, SOG, band gap reference
Power-Down
0
X
Serial bus, sync activity detect, SOG, band gap reference
1 Power-down is controlled via Bit 0 in Serial Bus Register 0x26.
2 Sync detect is determined by OR’ing Bit 7 to Bit 2 in Serial Bus Register 0x15.
3 Auto power-down is controlled via Bit 7 in Serial Bus Register 0x27.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com