Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9397/PCB Datasheet(PDF) 14 Page - Analog Devices

Part # AD9397/PCB
Description  DVI Display Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9397/PCB Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9397/PCB Datasheet HTML 10Page - Analog Devices AD9397/PCB Datasheet HTML 11Page - Analog Devices AD9397/PCB Datasheet HTML 12Page - Analog Devices AD9397/PCB Datasheet HTML 13Page - Analog Devices AD9397/PCB Datasheet HTML 14Page - Analog Devices AD9397/PCB Datasheet HTML 15Page - Analog Devices AD9397/PCB Datasheet HTML 16Page - Analog Devices AD9397/PCB Datasheet HTML 17Page - Analog Devices AD9397/PCB Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
AD9397
Rev. 0 | Page 14 of 28
Hex
Address
Read/Write
or Read Only
Bits
Default
Value
Register Name
Description
[4]
**1****
ield Output Polarity
utput field polarity.
*
F
O
0 = active low out.
1 = active high out.
[0]
******0
utput CLK Invert
out.
*
O
0 = Don’t invert clock
1 = Invert clock out.
0x25
Read/Write
:6]
1******
utput CLK Select
use on output pin. 1× CLK is divided
[7
0
O
Selects which clock to
down from TMDS clock input when pixel repetition is in use.
00 = ½× CLK.
01 = 1× CLK.
10 = 2× CLK.
11 = 90° phase 1× CLK.
[5:4]
*11****
utput Drive
f the outputs.
*
O
Strength
Sets the drive strength o
00 = lowest, 11 = highest.
[3:2]
***00**
utput Mode
comes out on.
*
O
Selects which pins the data
00 = 4:4:4 mode (normal).
01 = 4:2:2 + DDR 4:2:2 on blue.
10 = DDR 4:4:4 + DDR 4:2:2 on blue.
[1]
*****1*
rimary Output
*
P
Enable
Enables primary output.
[0]
*******0
ry Output
Enables secondary output (DDR 4:2:2 in Output Mode 1 and
Seconda
Enable
Mode 2).
0x26
Read/Write
[7]
0*******
ee-State
e the outputs.
Output Thr
Three-stat
[5]
**0*****
SPDIF Three-State
Three-state the SPDIF output.
[4]
***0****
I2S Three-State
Three-state the I2S output and the MCLK out.
[3]
****1***
Power-Down Pin
Polarity
Sets polarity of power-down pin.
0 = active low.
1 = active high.
[2:1]
****00*
ower-Down Pin
wer-down pin.
*
P
Function
Selects the function of the po
00 = power-down.
01 = power-down and three-state SOG.
10 = three-state outputs only.
11 = three-state outputs and SOG.
[0]
******0
ower-Down
*
P
0 = normal.
1 = power-down.
0x27
Read/Write
]
*******
uto Power-Down
w power state.
[7
1
A
Enable
0 = disable auto lo
1 = enable auto low power state.
[6]
0******
DCP A0
HDCP I2C. Set to 1 only for a
*
H
Sets the LSB of the address of the
second receiver in a dual-link configuration.
0 = use internally generated MCLK.
1 = use external MCLK input.
[5]
*0*****
CLK External
must be locked to the video clock
*
M
Enable
If an external MCLK is used, it
according to the CTS and N available in the I2C. Any mismatch
between the internal MCLK and the input MCLK results in
dropped or repeated audio samples.
[4]
***0****
BT656 EN
into the video output
Enables EAV/SAV codes to be inserted
data.
[3]
****0***
Force DE Generation
use of the internal DE generator in DVI mode.
Allows
[2:0]
n Field 0
*****000
Interlace Offset
Sets the difference (in HSYNCs) in field length betwee
and Field 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com