Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9397/PCB Datasheet(PDF) 13 Page - Analog Devices

Part # AD9397/PCB
Description  DVI Display Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9397/PCB Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9397/PCB Datasheet HTML 9Page - Analog Devices AD9397/PCB Datasheet HTML 10Page - Analog Devices AD9397/PCB Datasheet HTML 11Page - Analog Devices AD9397/PCB Datasheet HTML 12Page - Analog Devices AD9397/PCB Datasheet HTML 13Page - Analog Devices AD9397/PCB Datasheet HTML 14Page - Analog Devices AD9397/PCB Datasheet HTML 15Page - Analog Devices AD9397/PCB Datasheet HTML 16Page - Analog Devices AD9397/PCB Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AD9397
Rev. 0 | Page 13 of 28
2-WIRE SERIAL REGISTER MAP
The AD9397 is initialized and controlled by a set of registers that determines the operating modes. An external controller is employed to
write and read the control registers through the 2-wire serial interface port.
Table 10. Control Register Map
Hex
Address
Read/Write
or Read Only
Bits
Default
Value
Register Name
Description
0x00
Read
[7:0]
00000000
Chip Revision
Chip revision ID.
0x11
Read/Write
[7]
0*******
HSYNC Source
0 = HSYNC.
1 = SOG.
[6]
*0******
HSYNC Source
Override
0 = auto HSYNC source.
1 = manual HSYNC source.
[5]
**0*****
VSYNC Source
0 = VSYNC.
1 = VSYNC from SOG.
[4]
***0****
VSYNC Source
Override
0 = auto HSYNC source.
1 = manual HSYNC source.
[3]
****0***
Channel Select
0 = Channel 0.
1 = Channel 1.
[2]
*****0**
Channel Select
Override
0 = autochannel select.
1 = manual channel select.
[1]
******0*
Interface Select
0 = analog interface.
1 = digital interface.
[0]
*******0
Interface Override
0 = auto-interface select.
1 = manual interface select.
0x12
Read/Write
[7]
1*******
Input HSYNC Polarity
0 = active low.
1 = active high.
[6]
*0******
HSYNC Polarity
Override
0 = auto HSYNC polarity.
1 = manual HSYNC polarity.
[5]
**1*****
Input VSYNC Polarity
0 = active low.
1 = active high.
[4]
***0****
VSYNC Polarity
Override
0 = auto VSYNC polarity.
1 = manual VSYNC polarity.
0x17
Read
[3:0]
****0000
HSYNCs per VSYNC
MSB
MSB of HSYNCs per VSYNC.
0x18
Read
[7:0]
00000000
HSYNCs per VSYNC
HSYNCs per VSYNC count.
0x22
Read/Write
[7:0]
4
VSYNC Duration
VSYNC duration.
0x23
Read/Write
[7:0]
32
HSYNC Duration
HSYNC duration. Sets the duration of the output HSYNC in pixel
clocks.
0x24
Read/Write
[7]
1*******
HSYNC Output
Polarity
Output HSYNC polarity.
0 = active low out.
1 = active high out.
[6]
*1******
VSYNC Output
Polarity
Output VSYNC polarity.
0 = active low out.
1 = active high out.
[5]
**1*****
DE Output Polarity
Output DE polarity.
0 = active low out.
1 = active high out.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com