Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS1230CPWR Datasheet(PDF) 1 Page - Texas Instruments

Part # THS1230CPWR
Description  3.3-V, 12-BIT, 30 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH POWER DOWN
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1230CPWR Datasheet(HTML) 1 Page - Texas Instruments

  THS1230CPWR Datasheet HTML 1Page - Texas Instruments THS1230CPWR Datasheet HTML 2Page - Texas Instruments THS1230CPWR Datasheet HTML 3Page - Texas Instruments THS1230CPWR Datasheet HTML 4Page - Texas Instruments THS1230CPWR Datasheet HTML 5Page - Texas Instruments THS1230CPWR Datasheet HTML 6Page - Texas Instruments THS1230CPWR Datasheet HTML 7Page - Texas Instruments THS1230CPWR Datasheet HTML 8Page - Texas Instruments THS1230CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
www.ti.com
FEATURES
APPLICATIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
AGND
CON1
CON0
EXTREF
AIN+
AIN−
AGND
AVDD
REFT
REFB
OVRNG
D11
D10
D9
CLK
AVDD
OE
D0
D1
D2
D3
D4
DVDD
DGND
D5
D6
D7
D8
DW OR PW PACKAGE
(TOP VIEW)
DESCRIPTION
THS1230
SLAS291B – OCTOBER 2000 – REVISED MARCH 2004
3.3-V, 12-BIT, 30 MSPS, LOW-POWER ANALOG-TO-DIGITAL
CONVERTER WITH POWER DOWN
•
12-Bit Resolution, 30 MSPS
Analog-to-Digital Converter
•
Input Configurations:
– Differential (0.5x)
– Differential (1x)
•
3.3-V Supply Operation
•
Internal Voltage Reference
•
Out-of-Range Indicator
•
Power-Down Mode
•
IF Undersampling
•
Set Top Box (STB)
•
Camcorders
•
Digital Cameras
•
Copiers
•
Communications
•
Test Instruments
•
IF and Baseband Digitization
The THS1230 is a CMOS, low-power, 12-bit, 30 MSPS analog-to-digital converter (ADC) that operates with a
3.3-V supply. The THS1230 gives circuit developers complete flexibility. The analog input to the THS1230 is
differential with a gain of 0.5 for Mode 2 and 1.0 for Mode 1. The THS1230 provides a wide selection of voltage
references to match the user's design requirements. For more design flexibility, the internal reference can be
bypassed to use an external reference to suit the dc accuracy and temperature drift requirements of the
application. The out-of-range output is used to monitor any out-of-range condition in the THS1230's input range.
The speed, resolution, and single-supply operation of the THS1230 are suited for applications in set top box
(STB), video, multimedia, high-speed acquisition, and communications. The speed and resolution ideally suit
charge-couple device (CCD) input systems such as digital copiers, digital cameras, and camcorders. The wide
input voltage range between VREFB and VREFT allows the THS1230 to be designed into multiple systems.
The THS1230C is characterized for operation from 0
°C to 70°C. The THS1230I is characterized for operation
from –40
°C to 85°C.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - THS1230CPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1230IDW TI1-THS1230IDW Datasheet
668Kb / 23P
3.3-V, 12-BIT, 30 MSPS, LOW-POWER ANALOG-TO-DIGITAL
THS1230IPW TI1-THS1230IPW Datasheet
668Kb / 23P
3.3-V, 12-BIT, 30 MSPS, LOW-POWER ANALOG-TO-DIGITAL
THS1230IPWG4 TI1-THS1230IPWG4 Datasheet
668Kb / 23P
3.3-V, 12-BIT, 30 MSPS, LOW-POWER ANALOG-TO-DIGITAL
THS1230 TI1-THS1230_15 Datasheet
668Kb / 23P
3.3-V, 12-BIT, 30 MSPS, LOW-POWER ANALOG-TO-DIGITAL
More results

Similar Description - THS1230CPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1215 TI-THS1215 Datasheet
368Kb / 22P
3.3-V, 12-BIT, 15 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH POWER DOWN
TLV5618A TI-TLV5618A Datasheet
458Kb / 23P
2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618A TI-TLV5618A_06 Datasheet
446Kb / 24P
2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
ADS7882 TI-ADS7882 Datasheet
651Kb / 29P
12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
TLV5618A-EP TI1-TLV5618A-EP Datasheet
395Kb / 17P
2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618AQDG4 TI-TLV5618AQDG4 Datasheet
991Kb / 24P
2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
ADS7882 TI1-ADS7882_14 Datasheet
1,021Kb / 30P
12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
THS1215 TI1-THS1215_15 Datasheet
744Kb / 22P
3.3-V, 12-BIT, 15 MSPS, LOW-POWER ANALOG-TO-DIGITAL
THS1230 TI1-THS1230_15 Datasheet
668Kb / 23P
3.3-V, 12-BIT, 30 MSPS, LOW-POWER ANALOG-TO-DIGITAL
TLV5618A TI1-TLV5618A_16 Datasheet
1,017Kb / 24P
2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com