Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS1230CPWR Datasheet(PDF) 18 Page - Texas Instruments

Part # THS1230CPWR
Description  3.3-V, 12-BIT, 30 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH POWER DOWN
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1230CPWR Datasheet(HTML) 18 Page - Texas Instruments

Back Button THS1230CPWR Datasheet HTML 14Page - Texas Instruments THS1230CPWR Datasheet HTML 15Page - Texas Instruments THS1230CPWR Datasheet HTML 16Page - Texas Instruments THS1230CPWR Datasheet HTML 17Page - Texas Instruments THS1230CPWR Datasheet HTML 18Page - Texas Instruments THS1230CPWR Datasheet HTML 19Page - Texas Instruments THS1230CPWR Datasheet HTML 20Page - Texas Instruments THS1230CPWR Datasheet HTML 21Page - Texas Instruments THS1230CPWR Datasheet HTML 22Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
www.ti.com
Analog Input Bandwidth
Output Timing
Signal-to-Noise Ratio + Distortion (SINAD)
Effective Number of Bits (ENOB)
Total Harmonic Distortion (THD)
Spurious Free Dynamic Range (SFDR)
THS1230
SLAS291B – OCTOBER 2000 – REVISED MARCH 2004
The analog input bandwidth is defined as the maximum frequency of a 1-dBFS input sine wave that can be
applied to the device for which an extra 3-dB attenuation is observed in the reconstructed output signal.
Output timing td(O) is measured from the 50% level of the CLK input falling edge to the 10%/90% level of the
digital output. The digital output load is not higher than 10 pF.
Output hold time th(O) is measured from the 50% level of the CLK input falling edge to the10%/90% level of the
digital output. The digital output load is not less than 2 pF.
Aperture delay td(A) is measured from the 50% level of the CLK input to the actual sampling instant.
The OE signal is asynchronous.
OE timing td(PZ) is measured from the VIH(min) level of OE to the high-impedance state of the output data. The
digital output load is not higher than 10 pF.
OE timing td(EN) is measured from the VIL(max) level of OE to the instant when the output data reaches VOH(min) or
VOL(max) output levels. The digital output load is not higher than 10 pF.
SINAD is the ratio of the rms value of the measured input signal to the rms sum of all other spectral components
below the Nyquist frequency, including harmonics but excluding dc. The value for SINAD is expressed in
decibels.
For a sine wave, SINAD can be expressed in terms of the number of bits. Using the following formula,
•
N = (SINAD – 1.76)/6.02
it is possible to get a measure of performance expressed as N, the effective number of bits. Thus, effective
number of bits for a device for sine wave inputs at a given input frequency can be calculated directly from its
measured SINAD.
THD is the ratio of the rms sum of the first six harmonic components to the rms value of the measured input
signal and is expressed as a percentage or in decibels.
SFDR is the difference in dB between the rms amplitude of the input signal and the peak spurious signal.
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com