Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS1230CPWR Datasheet(PDF) 12 Page - Texas Instruments

Part # THS1230CPWR
Description  3.3-V, 12-BIT, 30 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH POWER DOWN
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1230CPWR Datasheet(HTML) 12 Page - Texas Instruments

Back Button THS1230CPWR Datasheet HTML 8Page - Texas Instruments THS1230CPWR Datasheet HTML 9Page - Texas Instruments THS1230CPWR Datasheet HTML 10Page - Texas Instruments THS1230CPWR Datasheet HTML 11Page - Texas Instruments THS1230CPWR Datasheet HTML 12Page - Texas Instruments THS1230CPWR Datasheet HTML 13Page - Texas Instruments THS1230CPWR Datasheet HTML 14Page - Texas Instruments THS1230CPWR Datasheet HTML 15Page - Texas Instruments THS1230CPWR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
www.ti.com
AIN−
0
4095
2V
MODE 2, CON[1:0] = 10
AIN−
0
4095
1V
MODE 1, CON[1:0] = 01
AIN+
AIN+
Signal Processing Chain (Sample and Hold, ADC)
THS1230
SLAS291B – OCTOBER 2000 – REVISED MARCH 2004
Table 1. Input Modes of Operation
MODE
CON1
CON0
MODE OF OPERATION
0
0
0
Device powered down
1
0
1
Differential mode
× 1
2
1
0
Differential mode
× 0.5
3
1
1
Not used
Modes 1 and 2 are shown in Figure 14.
Figure 14. Input Mode Configurations
The gain of the sample and hold changes with the CON1 and the CON0 inputs. Table 2 shows the gain of the
sample and hold and the levels applied at the AIN+ and AIN– analog inputs for Mode 1 and Mode 2. The
common mode level for the two analog inputs is at AVDD/2.
Table 2. Input Mode Switching
(AIN+) – (AIN–)
(AIN+) – (AIN–)
MODE
CON1
CON0
S/H GAIN
MIN
MAX
1
0
1
–1 V
1 V
×1
2
1
0
–2 V
2 V
×0.5
Table 2 assumes that the delta in ADC reference voltages VREFT and VREFB is set to 1 V, i.e., VREFT – VREFB = 1
V. Note that VREFB and VREFT can be set externally, which will scale the numbers given in this table.
The user-chosen operating configuration and reference voltages determine what input signal voltage range the
THS1230 can handle.
The following sections explain both the internal signal flow of the device and how the input signal span is related
to the ADC reference voltages, as well as the ways in which the ADC reference voltages can be buffered
internally or externally applied.
Figure 15 shows the signal flow through the sample and hold unit and the PGA to the ADC core.
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com