Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS1230CPWR Datasheet(PDF) 11 Page - Texas Instruments

Part # THS1230CPWR
Description  3.3-V, 12-BIT, 30 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH POWER DOWN
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1230CPWR Datasheet(HTML) 11 Page - Texas Instruments

Back Button THS1230CPWR Datasheet HTML 7Page - Texas Instruments THS1230CPWR Datasheet HTML 8Page - Texas Instruments THS1230CPWR Datasheet HTML 9Page - Texas Instruments THS1230CPWR Datasheet HTML 10Page - Texas Instruments THS1230CPWR Datasheet HTML 11Page - Texas Instruments THS1230CPWR Datasheet HTML 12Page - Texas Instruments THS1230CPWR Datasheet HTML 13Page - Texas Instruments THS1230CPWR Datasheet HTML 14Page - Texas Instruments THS1230CPWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
www.ti.com
−140
−120
−100
−80
−60
−40
−20
0
f − Frequency − MHz
AVDD = DVDD = 3.3 V,
fs = 30 MSPS,
fi = 3.58 MHz, −1 dBFS,
Mode 1 Differential
−140
−120
−100
−80
−60
−40
−20
0
AVDD = DVDD = 3.3 V,
fs = 30 MSPS,
fi = 3.58 MHz, −1 dBFS,
Mode 2 Differential
f − Frequency − MHz
PRINCIPLES OF OPERATION
Analog Input
THS1230
SLAS291B – OCTOBER 2000 – REVISED MARCH 2004
TYPICAL CHARACTERISTICS (continued)
FAST FOURIER TRANSFORM - MODE 1
Figure 12.
FAST FOURIER TRANSFORM - MODE 2
Figure 13.
The analog input AIN is sampled in the sample and hold unit, the output of which feeds the ADC CORE, where
the process of analog to digital conversion is performed against ADC reference voltages, VREFT and VREFB.
Connecting the EXTREF pin to one of two voltages, DGND or DVDD selects one of the two configurations of ADC
reference generation. The ADC reference voltages come from either the internal reference buffer or completely
external sources. Connect EXTREF to DGND for internal reference generation or to DVDD for external reference
generation.
CON0 and CON1 as described below, select the input configuration mode or place the device in powerdown.
The ADC core drives out through output buffers to the data pins D0 to D11. The output buffers can be disabled
by the OE pin.
A single, sample-rate clock (30 MHz maximum) is required at pin CLK. The analog input signal is sampled on the
rising edge of CLK, and corresponding data is output after the fifth following rising edge.
The THS1230 can operate in differential Mode 1 or differential Mode 2, controlled by the configuration pins
CON0 and CON1 as shown in Table 1. Mode 0 places the device in power-down state or standby for reduced
power consumption.
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com