Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS1230CPWR Datasheet(PDF) 15 Page - Texas Instruments

Part # THS1230CPWR
Description  3.3-V, 12-BIT, 30 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH POWER DOWN
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1230CPWR Datasheet(HTML) 15 Page - Texas Instruments

Back Button THS1230CPWR Datasheet HTML 11Page - Texas Instruments THS1230CPWR Datasheet HTML 12Page - Texas Instruments THS1230CPWR Datasheet HTML 13Page - Texas Instruments THS1230CPWR Datasheet HTML 14Page - Texas Instruments THS1230CPWR Datasheet HTML 15Page - Texas Instruments THS1230CPWR Datasheet HTML 16Page - Texas Instruments THS1230CPWR Datasheet HTML 17Page - Texas Instruments THS1230CPWR Datasheet HTML 18Page - Texas Instruments THS1230CPWR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
www.ti.com
VIN+
VIN−
R1
R1
R3
THS1230
AIN+
REFT
REFB
AIN−
R2
R2
VBIAS
VBIAS
V IN
AVDD
2
THS1230
AIN+
AIN−
REFT
REFB
Digital Outputs
THS1230
SLAS291B – OCTOBER 2000 – REVISED MARCH 2004
Figure 18. DC-Coupled Differential Input Circuit
A single-ended source may give better overall system performance when it is converted to a differential signal
before driving the THS1230. The configuration in Figure 19 takes a VIN of 1 V and drives the 1:1 transformer
ratio so that value of AIN+ and AIN– converts to fullscale value at the ADC digital output. With VIN at –1 V the
value at AIN+ and AIN– converts to 0 at the ADC digital outputs.
Figure 19. Transformer Coupled Single-Ended Input
The output of THS1230 is in unsigned binary code. The ADC input over-range indicator is output on pin OVRNG.
Capacitive loading on the output should be kept as low as possible (a maximum loading of 10 pF is
recommended) to ensure best performance. Higher output loading causes higher dynamic output currents and
can therefore increase noise coupling into the part's analog front end. To drive higher loads the use of an output
buffer is recommended.
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com