Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS1230CPWR Datasheet(PDF) 10 Page - Texas Instruments

Part # THS1230CPWR
Description  3.3-V, 12-BIT, 30 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH POWER DOWN
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1230CPWR Datasheet(HTML) 10 Page - Texas Instruments

Back Button THS1230CPWR Datasheet HTML 6Page - Texas Instruments THS1230CPWR Datasheet HTML 7Page - Texas Instruments THS1230CPWR Datasheet HTML 8Page - Texas Instruments THS1230CPWR Datasheet HTML 9Page - Texas Instruments THS1230CPWR Datasheet HTML 10Page - Texas Instruments THS1230CPWR Datasheet HTML 11Page - Texas Instruments THS1230CPWR Datasheet HTML 12Page - Texas Instruments THS1230CPWR Datasheet HTML 13Page - Texas Instruments THS1230CPWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
www.ti.com
67
66
65
−40
−15
10
35
60
85
68
69
70
TA − Temperature − °C
AVDD = DVDD = 3.3 V
fs = 30 MSPS
fi = 3.58 MHz, −1dBFS
Mode 1
9
−40
−15
10
35
60
85
10
11
12
TA − Temperature − °C
AVDD = DVDD = 3.3 V
fs = 30 MSPS
fi = 3.58 MHz, −1dBFS
Mode 1
0.4
0.2
0
500
1000
1500
2000
2500
3000
0.6
0.8
ADC Code
1
3500
4000
−0.4
−0.6
−0.2
0
−0.8
−1
AVDD = DVDD = 3.3 V
fs = 30 MSPS
0.5
0
0
500
1000
1500
2000
2500
3000
1
1.5
ADC Code
2
3500
4000
−1.5
−2
−1
−0.5
AVDD = DVDD = 3.3 V
fs = 30 MSPS
THS1230
SLAS291B – OCTOBER 2000 – REVISED MARCH 2004
TYPICAL CHARACTERISTICS (continued)
SIGNAL-TO-NOISE AND DISTORTION
EFFECTIVE NUMBER OF BITS
vs
vs
TEMPERATURE
TEMPERATURE
Figure 8.
Figure 9.
DIFFERENTIAL NONLINEARITY
Figure 10.
INTEGRAL NONLINEARITY
Figure 11.
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com