Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6654/PCB Datasheet(PDF) 37 Page - Analog Devices

Part # AD6654/PCB
Description  14-Bit, 92.16 MSPS, 4-/6-Channel Wideband IF to Baseband Receiver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6654/PCB Datasheet(HTML) 37 Page - Analog Devices

Back Button AD6654/PCB Datasheet HTML 33Page - Analog Devices AD6654/PCB Datasheet HTML 34Page - Analog Devices AD6654/PCB Datasheet HTML 35Page - Analog Devices AD6654/PCB Datasheet HTML 36Page - Analog Devices AD6654/PCB Datasheet HTML 37Page - Analog Devices AD6654/PCB Datasheet HTML 38Page - Analog Devices AD6654/PCB Datasheet HTML 39Page - Analog Devices AD6654/PCB Datasheet HTML 40Page - Analog Devices AD6654/PCB Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 88 page
background image
AD6654
Rev. 0 | Page 37 of 88
EXAMPLE CALCULATIONS
Goal: Implement a filter with an input sample rate of 100 MHz
requiring 100 dB of alias rejection for a ±1.4 MHz pass band.
Solution: First determine the percentage of the sample rate that
is represented by the pass band.
4
.
1
MHz
100
MHz
4
.
1
100
=
×
=
FRACTION
BW
In the −100 dB column in Table 15, find the value greater than
or equal to the pass-band percentage of the clock rate. Then
find the corresponding rate decimation factor (MCIC). For an
MCIC of 6, the frequency that has −100 dB of alias rejection is
1.48%, which is slightly larger than the 1.4% calculated.
Therefore, for this example, the maximum bound on CIC
decimation rate is 6. A higher MCIC means less alias rejection
than the 100 dB required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com