Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6654/PCB Datasheet(PDF) 73 Page - Analog Devices

Part # AD6654/PCB
Description  14-Bit, 92.16 MSPS, 4-/6-Channel Wideband IF to Baseband Receiver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6654/PCB Datasheet(HTML) 73 Page - Analog Devices

Back Button AD6654/PCB Datasheet HTML 69Page - Analog Devices AD6654/PCB Datasheet HTML 70Page - Analog Devices AD6654/PCB Datasheet HTML 71Page - Analog Devices AD6654/PCB Datasheet HTML 72Page - Analog Devices AD6654/PCB Datasheet HTML 73Page - Analog Devices AD6654/PCB Datasheet HTML 74Page - Analog Devices AD6654/PCB Datasheet HTML 75Page - Analog Devices AD6654/PCB Datasheet HTML 76Page - Analog Devices AD6654/PCB Datasheet HTML 77Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 88 page
background image
AD6654
Rev. 0 | Page 73 of 88
Table 28. Memory Map
8-Bit Hex
Address
Byte 3
Byte 2
Byte 1
Byte 0
8-Bit Hex
Address
0x03
Open <7:6>, Channel
Enable <5:0>
Open <7:6>, Channel I/O
Access Control <5:0>
Chip I/O Access Control
<7:0> (default 0x00)
Open <7:0>
0x00
0x07
Open <15:11>, Reserved <10:0> (default 0x06FC)
Soft Synchronization
Configuration <7:0>
Pin Synchronization
Configuration <7:0>
0x04
0x0B
Interrupt Mask <15:0>
Interrupt Status <15:0> (read only, default 0x00)
0x08
ADC Input Port Register Map— Addresses 0x0C to 0x57
0x0F
ADC Input Control <31:0>
0x0C
0x13
Open <15:0>
ADC CLK Control <15:0> (default 0x0000)
0x10
0x4B
ADC Gain Control <7:0>
Open <23:20>, ADC Dwell Timer <19:0>
0x48
0x4F
Open <7:0>
ADC Power Monitor Period <23:0>
0x4C
0x53
Open <7:5>, ADC Signal
Monitor <4:0>
ADC Power Monitor Output <23:0>
0x50
0x57
Open <15:10>, ADC Lower Threshold <9:0>
Open <15:10>, ADC Upper Threshold <9:0>
0x54
Channel Register Map—Addresses 0x68 to 0xBB
0x6B
Open <15:0>
Open <15:9>, NCO Control <8:0>
0x68
0x6F
NCO Start Hold-Off Counter <15:0>
NCO Frequency Hold-Off Counter <15:0>
0x6C
0x73
NCO Frequency <31:0> (default 0x0000 0000)
0x70
0x77
Open <15:0>
NCO Phase Offset <15:0> (default 0x0000)
0x74
0x7B
Open <7:1>, CIC Bypass <0>
Open <7:5>, CIC
Decimation <4:0>
Open <7:5>, CIC Scale
Factor <4:0>
Open <7:4>, FIR-HB
Control <3:0>
0x78
0x7F
Open <15:0>
Open <15:13>, MRCF Control <12:0>
0x7C
0x83
Open <7:6>, MRCF
Coefficient 3 <5:0>
Open <7:6>, MRCF
Coefficient 2 <5:0>
Open <7:6>, MRCF
Coefficient 1 <5:0>
Open <7:6>, MRCF
Coefficient 0 <5:0>
0x80
0x87
Open <7:6>, MRCF
Coefficient 7 <5:0>
Open <7:6>, MRCF
Coefficient 6 <5:0>
Open <7:6>, MRCF
Coefficient 5 <5:0>
Open <7:6>, MRCF
Coefficient 4 <5:0>
0x84
0x8B
Open <15:13>, DRCF Control Register <12:0>
Open <7:6>, DRCF
Coefficient Offset <5:0>
Open <7>, DRCF Taps
<6:0>
0x88
0x8F
Open <15:0>
Open <7:6>, DRCF Final
Address <5:0>
Open <7:6>, DRCF Start
Address <5:0>
0x8C
0x93
Open<15:0>
Open<15:14>, DRCF Coefficient Memory <13:0>
0x90
0x97
Open <15:13>, CRCF Control Register <12:0>
Open <7:6>, CRCF
Coefficient Offset <5:0>
Open <7>, CRCF Taps
<6:0>
0x94
0x9B
Open <15:0>
Open <7:6>, CRCF Final
Address <5:0>
Open <7:6>, CRCF Start
Address <5:0>
0x98
0x9F
Open <7:0>
Open <23:20>, CRCF Coefficient Memory <19:0>
0x9C
0xA3
Open <15:11>, AGC Control Register <10:0>
AGC Hold-Off Register <15:0>
0xA0
0xA7
Open <15:12>, AGC Update Decimation <11:0>
Open <15:12>, AGC Signal Gain <11:0>
0xA4
0xAB
Open <15:12>, AGC Error Threshold <11:0>
Open <7:6>, AGC Average
Samples <5:0>
AGC Pole Location <7:0>
0xA8
0xAF
Open <7:0>
AGC Desired Level <7:0>
AGC Loop Gain2 <7:0>
AGC Loop Gain1 <7:0>
0xAC
0xB3
Open <7:0>
BIST I Path Signature Register <23:0> (read only)
0xB0
0xB7
Open <7:0>
BIST Q Path Signature Register <23:0> (read only)
0xB4
0xBB
Open <15:0>
BIST Control <15:0>
0xB8
Output Port Register Map—Addresses 0xBC to 0xE7
0xBF
Open <7:0>
Parallel Port Output Control <23:0>
0xBC
0xC3
Open <15:0>
Open <15:10>, Output Port Control <9:0>
0xC0
0xC7
AGC0, I Output <15:0> (read only)
AGC0, Q Output <15:0> (read only)
0xC4
0xCB
AGC1, I Output <15:0> (read only)
AGC1, Q Output <15:0> (read only)
0xC8
0xCF
AGC2, I Output <15:0> (read only)
AGC2, Q Output <15:0> (read only)
0xCC
0xD3
AGC3, I Output <15:0> (read only)
AGC3, Q Output <15:0> (read only)
0xD0
0xD7
AGC4, I Output <15:0> (read only)
AGC4, Q Output <15:0> (read only)
0xD4
0xDB
AGC5, I Output <15:0> (read only)
AGC5, Q Output <15:0> (read only)
0xD8
0xDF
Open <15:12>, AGC0 RSSI Output <11:0> (read only)
Open <15:12>, AGC1 RSSI Output <11:0> (read only)
0xDC
0xE3
Open <15:12>, AGC2 RSSI Output <11:0> (read only)
Open <15:12>, AGC3 RSSI Output <11:0> (read only)
0xE0
0xE7
Open <15:12>, AGC4 RSSI Output <11:0> (read only)
Open <15:12>, AGC5 RSSI Output <11:0> (read only)
0xE4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com