Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6654/PCB Datasheet(PDF) 44 Page - Analog Devices

Part # AD6654/PCB
Description  14-Bit, 92.16 MSPS, 4-/6-Channel Wideband IF to Baseband Receiver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6654/PCB Datasheet(HTML) 44 Page - Analog Devices

Back Button AD6654/PCB Datasheet HTML 40Page - Analog Devices AD6654/PCB Datasheet HTML 41Page - Analog Devices AD6654/PCB Datasheet HTML 42Page - Analog Devices AD6654/PCB Datasheet HTML 43Page - Analog Devices AD6654/PCB Datasheet HTML 44Page - Analog Devices AD6654/PCB Datasheet HTML 45Page - Analog Devices AD6654/PCB Datasheet HTML 46Page - Analog Devices AD6654/PCB Datasheet HTML 47Page - Analog Devices AD6654/PCB Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 88 page
background image
AD6654
Rev. 0 | Page 44 of 88
PROGRAMMING DRCF REGISTERS FOR
AN ASYMMETRICAL FILTER
To program the DRCF registers for an asymmetrical filter:
1.
Write NTAPS – 1 in the DRCF taps register, where
NTAPS is the number of filter taps. The absolute
maximum value for NTAPS is 64 in asymmetrical filter
mode.
2.
Write 0 for the DRCF coefficient offset register.
3.
Write 0 for the symmetrical filter bit in the DRCF control
register.
4.
Write the start address for the coefficient RAM, typically
equal to the coefficient offset register in the DRCF start
address register.
5.
In the DRCF stop address register, write the stop address
for the coefficient RAM, typically equal to the following:
Coefficient Offset + NTAPS − 1
6.
Write all coefficients in reverse order (start with last
coefficient) to the DRCF coefficient memory register. If in
8-bit microport mode or serial port mode, write the lower
byte of the memory register first and then the higher byte.
After each write access to the DRCF coefficient memory
register, the internal RAM address is incremented starting
with the start address and ending with the stop address.
Note that each write or read access increments the internal
RAM address. Therefore, all coefficients should be read first
before reading them back. Also, for debugging purposes, each
RAM address can be written individually by making the start
and stop addresses the same. Therefore, to program one RAM
location, the user writes the address of the RAM location to
both the start and stop address registers, and then writes the
coefficient memory register.
PROGRAMMING DRCF REGISTERS FOR A
SYMMETRIC FILTER
To program the DRCF registers for a symmetrical filter:
1.
Write NTAPS – 1 in the DRCF taps register, where
NTAPS is the number of filter taps. The absolute
maximum value for NTAPS is 128 in symmetric filter
mode.
2.
Write ceil(64 – NTAPS/2) for the DRCF coefficient offset
register, where the ceil function takes the closest integer
greater than or equal to the argument.
3.
Write 1 for the symmetrical filter bit in the DRCF control
register.
4.
Write the start address for the coefficient RAM, typically
equal to coefficient offset register, in the DRCF start
address register.
5.
Write the stop address for the coefficient RAM, typically
equal to ceil(NTAPS/2) – 1, in the DRCF stop address
register.
6.
Write all coefficients to the DRCF coefficient memory
register, starting with the middle of the filter and working
towards the end of the filter. When coefficients are
numbered 0 to NTAPS – 1, the middle coefficient is given
by the coefficient number ceil(NTAPS/2). If in 8-bit
microport mode or serial port mode, write the lower byte
of the memory register first and then the higher byte.
After each write access to the DRCF coefficient memory
register, the internal RAM address is incremented starting
with the start address and ending with the stop address.
Note that each write or read access increments the internal
RAM address. Therefore, all coefficients should be read first
before reading them back. Also, for debugging purposes, each
RAM address can be written individually by making the start
and stop addresses the same. Therefore, to program one RAM
location, the user writes the address of the RAM location to
both the start and stop address registers, and then writes the
coefficient memory register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com