Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6654/PCB Datasheet(PDF) 47 Page - Analog Devices

Part # AD6654/PCB
Description  14-Bit, 92.16 MSPS, 4-/6-Channel Wideband IF to Baseband Receiver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6654/PCB Datasheet(HTML) 47 Page - Analog Devices

Back Button AD6654/PCB Datasheet HTML 43Page - Analog Devices AD6654/PCB Datasheet HTML 44Page - Analog Devices AD6654/PCB Datasheet HTML 45Page - Analog Devices AD6654/PCB Datasheet HTML 46Page - Analog Devices AD6654/PCB Datasheet HTML 47Page - Analog Devices AD6654/PCB Datasheet HTML 48Page - Analog Devices AD6654/PCB Datasheet HTML 49Page - Analog Devices AD6654/PCB Datasheet HTML 50Page - Analog Devices AD6654/PCB Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 88 page
background image
AD6654
Rev. 0 | Page 47 of 88
INTERPOLATING HALF-BAND FILTER
The AD6654 has interpolating half-band FIR filters that
immediately follow the CRCF programmable FIR filters and
precede the second data router. Each interpolating half-band
filter takes 22-bit I and 22-bit Q data from the preceding CRCF
and outputs rounded 22-bit I and 22-bit Q data to the second
data router. A 10-tap fixed coefficient filter is implemented in
this stage. The maximum input rate into this block is 17 MHz.
Consequently, the maximum output is constrained to 34 MHz.
The normalized coefficients used in the implementation and
the 10-bit decimal equivalent value of the coefficients are listed
in Table 23. Other coefficients are 0.
Table 23. Interpolating HB Filter Fixed Coefficients
Coefficient
Number
Normalized
Coefficient
Decimal Coefficient
(10-Bit)
C1, C11
0.02734375
14
C3, C9
−0.12890625
−66
C5, C7
0.603515625
309
C6
1
512
The half-band filters interpolate the incoming data by 2×. For a
channel running at 2× the chip rate, the half-band can be used
to output channel data at 4× the chip rate. The interpolation
operation creates an image of the baseband signal, which is
filtered out by the half-band filter.
The image rejection of this filter is about 55 dB, but is sufficient
because the image is from the desired signal, not an interfering
signal. Note that the interpolating half-band filter can be
enabled by writing Logic 1 to Bit 9 of the MRCF control
registers.
The frequency response of the interpolating half-band FIR is
shown in Table 23 with respect to the chip rate. The input rate
to this filter is 2× the chip rate, and the output rate is 4× the
chip rate.
FREQUENCY AS FRACTION OF INPUT RATE
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
–20
–40
–60
–80
–100
–53
0.75
1.25
INTERPOLATING
HALF-BAND
FILTER RESPONSE
Figure 54. Interpolating Half-Band Frequency Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com