Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6654/PCB Datasheet(PDF) 11 Page - Analog Devices

Part # AD6654/PCB
Description  14-Bit, 92.16 MSPS, 4-/6-Channel Wideband IF to Baseband Receiver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6654/PCB Datasheet(HTML) 11 Page - Analog Devices

Back Button AD6654/PCB Datasheet HTML 7Page - Analog Devices AD6654/PCB Datasheet HTML 8Page - Analog Devices AD6654/PCB Datasheet HTML 9Page - Analog Devices AD6654/PCB Datasheet HTML 10Page - Analog Devices AD6654/PCB Datasheet HTML 11Page - Analog Devices AD6654/PCB Datasheet HTML 12Page - Analog Devices AD6654/PCB Datasheet HTML 13Page - Analog Devices AD6654/PCB Datasheet HTML 14Page - Analog Devices AD6654/PCB Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 88 page
background image
AD6654
Rev. 0 | Page 11 of 88
SERIAL PORT TIMING CHARACTERISTICS
Table 9.
Parameter1, 2, 3
Temp
Test Level
Min
Typ
Max
Unit
SERIAL PORT CLOCK TIMING REQUIREMENTS
tSCLK
SCLK Period
Full
IV
10.0
ns
tSCLKL
SCLK Low Time
Full
IV
1.60
0.5 × tSCLK
ns
tSCLKH
SCLK High Time
Full
IV
1.60
0.5 × tSCLK
ns
SPI PORT CONTROL TIMING REQUIREMENTS (MODE = 0)
tSSDI
SDI to
↑SCLK Setup Time
Full
IV
1.30
ns
tHSDI
SDI to
↑SCLK Hold Time
Full
IV
0.40
ns
tSSCS
SCS to
↑SCLK Setup Time
Full
IV
4.12
ns
tHSCS
SCS to
↑SCLK Hold Time
Full
IV
−2.78
ns
tDSDO
↑SCLK to SDO Delay Time
Full
IV
4.28
7.96
ns
SPORT MODE CONTROL TIMING REQUIREMENTS (MODE = 1)
tSSDI
SDI to
↑SCLK Setup Time
Full
IV
0.80
ns
tHSDI
SDI to
↑SCLK Hold Time
Full
IV
0.40
ns
tSSRFS
SRFS to
↓SCLK Setup Time
Full
IV
1.60
ns
tHSRFS
SRFS to
↓SCLK Hold Time
Full
IV
−0.13
ns
tSSTFS
STFS to
↓SCLK Setup Time
Full
IV
1.60
ns
tHSTFS
STFS to
↓SCLK Hold Time
Full
IV
−0.30
ns
tSSCS
SCS to
↑SCLK Setup Time
Full
IV
4.12
ns
tHSCS
SCS to
↑SCLK Hold Time
Full
IV
−2.76
ns
tDSDO
↑SCLK to SDO Delay Time
Full
IV
4.29
7.95
ns
1 All timing specifications are valid over the VDDCORE range of 1.7 V to 1.9 V and the VDDIO range of 3.0 V and 3.6 V.
2 CLOAD = 40 pF on all outputs, unless otherwise noted.
3 SCLK rise/fall time should be 3 ns maximum.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com