Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6654/PCB Datasheet(PDF) 84 Page - Analog Devices

Part # AD6654/PCB
Description  14-Bit, 92.16 MSPS, 4-/6-Channel Wideband IF to Baseband Receiver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6654/PCB Datasheet(HTML) 84 Page - Analog Devices

Back Button AD6654/PCB Datasheet HTML 80Page - Analog Devices AD6654/PCB Datasheet HTML 81Page - Analog Devices AD6654/PCB Datasheet HTML 82Page - Analog Devices AD6654/PCB Datasheet HTML 83Page - Analog Devices AD6654/PCB Datasheet HTML 84Page - Analog Devices AD6654/PCB Datasheet HTML 85Page - Analog Devices AD6654/PCB Datasheet HTML 86Page - Analog Devices AD6654/PCB Datasheet HTML 87Page - Analog Devices AD6654/PCB Datasheet HTML 88Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 84 / 88 page
background image
AD6654
Rev. 0 | Page 84 of 88
AGC0, I Output <15:0>
This read-only register provides the latest in-phase output
sample from AGC0. Note that AGC0 might be bypassed, and
that AGC0 here is representative of the datapath only.
AGC0, Q Output <15:0>
This read-only register provides the latest quadrature-phase
output sample from AGC0. Note that AGC0 might be bypassed,
and that AGC0 here is representative of the datapath only.
AGC1, I Output <15:0>
This read-only register provides the latest in-phase output
sample from AGC1. Note that AGC1 might be bypassed and
that AGC1 here is representative of the datapath only.
AGC1, Q Output <15:0>
This read-only register provides the latest quadrature-phase
output sample from AGC1. Note that AGC1 might be bypassed
and that AGC1 here is representative of the datapath only.
AGC2, I Output <15:0:
This read-only register provides the latest in-phase output
sample from AGC2. Note that AGC2 might be bypassed and
that AGC2 here is representative of the datapath only.
AGC2, Q Output <15:0>
This read-only register provides the latest quadrature-phase
output sample from AGC2. Note that AGC2 might be bypassed
and that AGC2 here is representative of the datapath only.
AGC3, I Output <15:0>
This read-only register provides the latest in-phase output
sample from AGC3. Note that AGC3 might be bypassed and
that AGC3 here is representative of the datapath only.
AGC3, Q Output <15:0>
This read-only register provides the latest quadrature-phase
output sample from AGC3. Note that AGC3 might be bypassed
and that AGC3 here is representative of the datapath only.
AGC4, I Output <15:0>
This read-only register provides the latest in-phase output
sample from AGC4. Note that AGC4 might be bypassed and
that AGC4 here is representative of the datapath only.
AGC4, Q Output <15:0>
This read-only register provides the latest quadrature-phase
output sample from AGC4. Note that AGC4 might be bypassed
and that AGC4 here is representative of the datapath only.
AGC5, I Output <15:0>
This read-only register provides the latest in-phase output
sample from AGC5. Note that AGC5 might be bypassed and
that AGC5 here is representative of the datapath only.
AGC5, Q Output <15:0>
This read-only register provides the latest quadrature-phase
output sample from AGC5. Note that AGC5 might be bypassed
and that AGC5 here is representative of the datapath only.
AGC0, RSSI Output <11:0>
This read-only register provides the latest RSSI output sample
from AGC0. This register is updated only when AGC0 is
enabled and operating.
AGC1, RSSI Output <11:0>
This read-only register provides the latest RSSI output sample
from AGC1. This register is updated only when AGC1is
enabled and operating.
AGC2, RSSI Output <11:0>
This read-only register provides the latest RSSI output sample
from AGC2. This register is updated only when AGC2 is
enabled and operating.
AGC3, RSSI Output <11:0>
This read-only register provides the latest RSSI output sample
from AGC3. This register is updated only when AGC3 is
enabled and operating.
AGC4, RSSI Output <11:0>
This read-only register provides the latest RSSI output sample
from AGC4. This register is updated only when AGC4 is
enabled and operating.
AGC5, RSSI Output <11:0>
This read-only register provides the latest RSSI output sample
from AGC5. This register is updated only when AGC5 is
enabled and operating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com