Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3929 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3929
Description  High Speed Bi-Directional Level Shifter and Ultra Low-Dropout CMOS Voltage Regulator and Line
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3929 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LP3929 Datasheet HTML 1Page - National Semiconductor (TI) LP3929 Datasheet HTML 2Page - National Semiconductor (TI) LP3929 Datasheet HTML 3Page - National Semiconductor (TI) LP3929 Datasheet HTML 4Page - National Semiconductor (TI) LP3929 Datasheet HTML 5Page - National Semiconductor (TI) LP3929 Datasheet HTML 6Page - National Semiconductor (TI) LP3929 Datasheet HTML 7Page - National Semiconductor (TI) LP3929 Datasheet HTML 8Page - National Semiconductor (TI) LP3929 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Package Outline and Connection Diagrams
20186811
Top View - Bump Underneath
24 Bump micro SMD Package
See NSC Package Number TME24AAA
20186812
Note: The actual physical placement of the package marking will vary from part
to part. The package marking “XY” will designate the date code. The “TT” is a
NSC internal code for die traceability; engineering sample parts will be marked
as "ES". Both will vary considerably. The pin 1 marking identifier is the location
of corner bump A1.
Top View - TME24 Device Marking
Ordering Information
For 24 Bump micro SMD Package
Output Voltage Grade
LP3929 Supplied As 250 Units, Tape & Reel LP3929 Supplied As 3000 Units, Tape & Reel
2.85 V
STD
LP3929TME-AACQ
LP3929TMEX-AACQ
Tape and Reel Information
20186810
Top View: Tape and Reel Information
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com