Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3929 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3929
Description  High Speed Bi-Directional Level Shifter and Ultra Low-Dropout CMOS Voltage Regulator and Line
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3929 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LP3929 Datasheet HTML 1Page - National Semiconductor (TI) LP3929 Datasheet HTML 2Page - National Semiconductor (TI) LP3929 Datasheet HTML 3Page - National Semiconductor (TI) LP3929 Datasheet HTML 4Page - National Semiconductor (TI) LP3929 Datasheet HTML 5Page - National Semiconductor (TI) LP3929 Datasheet HTML 6Page - National Semiconductor (TI) LP3929 Datasheet HTML 7Page - National Semiconductor (TI) LP3929 Datasheet HTML 8Page - National Semiconductor (TI) LP3929 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Pin Descriptions
Pin Name
micro SMD
Bump Identifier
Port / Direction
Type
Function
D0_A
D1
Host /
Bidirectional
Push-Pull
1.8 V I/O Channel (Note 14)
D1_A
E1
Host /
Bidirectional
Push-Pull
1.8 V I/O Channel (Note 14)
D2_A
A1
Host /
Bidirectional
Push-Pull
1.8 V I/O Channel (Note 14)
D3_A
B1
Host /
Bidirectional
Push-Pull
1.8 V I/O Channel (Note 14)
CMD_A
D2
Host /
Bidirectional
Push-Pull
1.8 V I/O Channel (Note 14)
CLK_A
C1
Host / Input
High Z
1.8 V Input CLK Channel (Note 14)
fCLK_A
E2
Host / Output
Push-Pull
1.8 V Output CLK Channel
DIR_0
A3
Host / Input
High Z
1.8 V Input Direction Control D0 Channel:
V
DDA =A → B Direction (Write),
V
SS =B → A Direction (Read)
DIR_1-3
E3
Host / Input
High Z
1.8 V Input Direction Control D1-D3 Channel:
V
DDA =A → B Direction (Write),
V
SS =B → A Direction (Read)
CMD_DIR
A2
Host / Input
High Z
1.8 V Input Direction Control CMD Channel:
V
DDA =A → B Direction (Write),
V
SS =B → A Direction (Read)
EN
C2
Host / Input
High Z
Device Enable with high impedance pull-down resistor
(200 k
Ω):
V
DDA = Device Active (on),
V
SS = Device Disabled (off)
D0_B
D5
Card /
Bidirectional
Push-Pull
2.85 V I/O Channel with high impedance pull-up to V
DDB
(70 k
Ω)
D1_B
E5
Card /
Bidirectional
Push-Pull
2.85 V I/O Channel with high impedance pull-up to V
DDB
(70 k
Ω)
D2_B
A5
Card /
Bidirectional
Push-Pull
2.85 V I/O Channel with high impedance pull-up to V
DDB
(70 k
Ω)
D3_B
B5
Card /
Bidirectional
Push-Pull
2.85 V I/O Channel with high impedance pull-down to V
SS
(470 k
Ω)
CMD_B
D4
Card /
Bidirectional
Push-Pull
2.85 V I/O Channel with high impedance pull-up to V
DDB
(15 k
Ω)
CLK_B
C5
Card / Output
Push-Pull
2.85 V Output CLK Channel
V
BAT
A4
Host / Input
Power
3.05 V to 5.5 V
V
DDA
B3
Host / Input
Power
1.71 V to 1.92 V, 1.8 V (typ)
V
DDB
B4
Card / Output
Power
2.85 V (LDO output)
V
SS
C3
Ground
V
SS
C4
Ground
WP
E4
Host / Card Input
Pull-up
Pull-up to V
DDA (100 k
Ω)
CD
D3
Host / Card Input
Pull-up
Pull-up to V
DDA (100 k
Ω)
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com