Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3929 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3929
Description  High Speed Bi-Directional Level Shifter and Ultra Low-Dropout CMOS Voltage Regulator and Line
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3929 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LP3929 Datasheet HTML 2Page - National Semiconductor (TI) LP3929 Datasheet HTML 3Page - National Semiconductor (TI) LP3929 Datasheet HTML 4Page - National Semiconductor (TI) LP3929 Datasheet HTML 5Page - National Semiconductor (TI) LP3929 Datasheet HTML 6Page - National Semiconductor (TI) LP3929 Datasheet HTML 7Page - National Semiconductor (TI) LP3929 Datasheet HTML 8Page - National Semiconductor (TI) LP3929 Datasheet HTML 9Page - National Semiconductor (TI) LP3929 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
BAT)
−0.3V to +6.0V
Supply Voltage (V
DDA)
−0.3V to +3.3V
LVCMOS A Port Input Voltage
−0.3V to V
DDA + 0.3V
LVCMOS A Port I/O Voltage
−0.3V to V
DDA + 0.3V
LVCMOS A Port I/O Voltage
−0.3V to V
DDB + 0.3V
Junction Temperature
150˚C
Storage Temperature
−65˚C to +150˚C
Lead Temperature (Note 13)
235˚C
Pad Temperature (Note 13)
235˚C
Derate micro SMD
Package above 25˚C
22.9 mW/˚C
Maximum Power Dissipation Capacity at 25˚C
micro SMD
2.8 W
ESD Rating
HBM, 1.5k
Ω, 100pF
± 2kV
EIAJ, 0
Ω, 200pF
± 200V
IEC61000-4-2, 330
Ω, 150pF,
Air Gap, B Side (Note 2)
± 15kV
IEC61000-4-2, 330
Ω, 150pF,
Direct Contact, B Side (Note 2)
± 8kV
Operating Conditions
V
BAT to VSS
3.05V to 5.5V
V
DDA to VSS
1.71V to 1.92V
Ambient Temperature
−30˚C to +85˚C
Electrical Characteristics Unless otherwise specified: C
VBAT = 1 µF, IOUT = 1 mA, CVDDB = 1 µF, CVDDA =
1 µF. Typical values and limits appearing in standard typeface apply for T
A = 25˚C. Limits appearing in boldface type apply
over the entire ambient temperature range for operation, −30˚C to +85˚C. (Notes 3, 4)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
LVCMOS A (Host) Port (V
DDA = 1.71V to 1.92V)
V
IH
Input Voltage High Level
0.65xV
DDA
1.92
V
V
DDA =
1.71V
1.1115
1.92
V
V
DDA =
1.92V
1.248
1.92
V
V
IL
Input Voltage Low Level
0
0.30xV
DDA
V
V
DDA =
1.71V
0
0.513
V
V
DDA =
1.92V
0
0.576
V
I
IH
Input Current High Level
V
IH =VDDA
−1
0
+1
µA
EN=V
SS
−1
0
+1
µA
EN=V
DDA
−1
0
+10
µA
I
IL
Input Current Low Level
V
IL =VSS
−1
0
+1
µA
V
OH
Output Voltage High Level
I
OH =−4mA
1.26
1.8
V
DDA
V
V
OL
Output Voltage Low Level
I
OL =4mA
V
SS
0
0.45
V
LVCMOS B (Card) Port (V
DDB = 2.85V)
V
IH
Input Voltage High Level
0.65xV
DDB
V
DDB
V
V
IL
Input Voltage Low Level
0
0.35xV
DDB
V
I
IH
Input Current High Level
V
IH =VDDB
D0_B to
D2_B
−2
0.2
+2
µA
D3_B
0
6.5
+13
µA
CMD_B
−5
0.3
+5
µA
I
IL
Input Current Low Level
V
IL =VSS
D0_B to
D2_B
−80
−40
0
µA
D3_B
−1
0.1
+1
µA
CMD_B
− 300
− 200
−20
µA
IOS +
Short Circuit Current
V
OUTlow =VDDB
45
µA
IOS −
V
OUThigh =VSS
−20
µA
V
OH
Output Voltage High Level
I
OH =−2mA
0.75xV
DDB
V
V
OL
Output Voltage Low Level
I
OL =2mA
0.25xV
DDB
V
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com