Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3929 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3929
Description  High Speed Bi-Directional Level Shifter and Ultra Low-Dropout CMOS Voltage Regulator and Line
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3929 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP3929 Datasheet HTML 1Page - National Semiconductor (TI) LP3929 Datasheet HTML 2Page - National Semiconductor (TI) LP3929 Datasheet HTML 3Page - National Semiconductor (TI) LP3929 Datasheet HTML 4Page - National Semiconductor (TI) LP3929 Datasheet HTML 5Page - National Semiconductor (TI) LP3929 Datasheet HTML 6Page - National Semiconductor (TI) LP3929 Datasheet HTML 7Page - National Semiconductor (TI) LP3929 Datasheet HTML 8Page - National Semiconductor (TI) LP3929 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LP3929
High Speed Bi-Directional Level Shifter and Ultra
Low-Dropout CMOS Voltage Regulator and Line
Protection
General Description
The LP3929 is designed for portable and wireless applica-
tions requiring level translation and power supply generation
in a compact footprint.
The device level translates 1.8 V LVCMOS on the host (A)
side to 2.85 V LVCMOS levels on the card (B) side for a
miniSD / SD 4-bit bi-directional data bus.
Independent direct control of the CMD, Data0 and Data1-3
paths support mini SD state machine requirements. A shut-
down pin is provided for the level shifters and regulator. The
f_CLK_A is a feedback clock to the host which can be used
to overcome level shifter bus delay.
The built-in low-dropout voltage regulator is ideal for mobile
phone and battery powered wireless applications. It provides
up to 200 mA from a 3.05 V to 5.5 V input. It is stable with
small 1.0 µF ±30% ceramic and high quality tantalum output
capacitors, requiring smallest possible PC board area.
The card (B port) side channels have integration of ASIP
(Application Specific Integrated Passives) - on chip inte-
grated pull-up, pull-down, series resistors and capacitors for
EMC filtering. It is designed to tolerate IEC61000-4-2 level 4
ESD: ±15 kV air discharge, ±8 kV direct contact.
Key Specifications
Level Shifter:
n
6-signal Level Shifter (5 bi-directional and 1
uni-direction)
n
3 ns (typ) propagation delay
n
Channel-to-channel skew < 1 ns (max)
Low-Dropout Regulator:
n
3.05 V to 5.5 V input range
n
2.85 V at 200 mA
n
Fast Turn-On time: 30 µs (typ)
n
110 mV (max) dropout with 200 mA load
n
Thermal shutdown at 160˚C (typ)
Protection Block (B Side):
n
Robust IEC ESD Protection: ±15 kV Air Gap, ±8kV
Direct Contact
n
ASIP / EMI Filtering
Features
n
Ultra small micro SMD 24 bump package
n
6-signal level translation 1.8 V to 2.85 V
n
LDO stable with ceramic and high quality tantalum
capacitors
Typical Application Circuit
20186801
July 2006
© 2006 National Semiconductor Corporation
DS201868
www.national.com


Similar Part No. - LP3929

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
LP3929 INTERSIL-LP3929 Datasheet
327Kb / 14P
High Speed Bi-Directional Level Shifter and Ultra Low-Dropout CMOS Voltage Regulator and Line Protection
December 14, 2007
More results

Similar Description - LP3929

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3928 NSC-LP3928 Datasheet
240Kb / 11P
High Speed Bi-Directional Level Shifter and Ultra Low-Dropout CMOS Voltage Regulator
logo
Seiko Instruments Inc
S-1112 SII-S-1112 Datasheet
388Kb / 29P
HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
Intersil Corporation
LP3929 INTERSIL-LP3929 Datasheet
327Kb / 14P
High Speed Bi-Directional Level Shifter and Ultra Low-Dropout CMOS Voltage Regulator and Line Protection
December 14, 2007
logo
Seiko Instruments Inc
S-1167 SII-S-1167 Datasheet
474Kb / 31P
ULTRA LOW CURRENT CONSUMPTION, HIGH RIPPLE REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1206 SII-S-1206 Datasheet
653Kb / 36P
ULTRA LOW CURRENT CONSUMPTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
S-L2980 SII-S-L2980_1 Datasheet
327Kb / 23P
HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1112 ABLIC-S-1112 Datasheet
494Kb / 30P
HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.6.1_02
S-1167 ABLIC-S-1167 Datasheet
546Kb / 31P
ULTRA LOW CURRENT CONSUMPTION, HIGH RIPPLE REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.2_02
S-1206 ABLIC-S-1206 Datasheet
566Kb / 35P
ULTRA LOW CURRENT CONSUMPTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.2_02
S-L2980 ABLIC-S-L2980 Datasheet
447Kb / 23P
HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.5.1_02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com