Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3929 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3929
Description  High Speed Bi-Directional Level Shifter and Ultra Low-Dropout CMOS Voltage Regulator and Line
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3929 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LP3929 Datasheet HTML 3Page - National Semiconductor (TI) LP3929 Datasheet HTML 4Page - National Semiconductor (TI) LP3929 Datasheet HTML 5Page - National Semiconductor (TI) LP3929 Datasheet HTML 6Page - National Semiconductor (TI) LP3929 Datasheet HTML 7Page - National Semiconductor (TI) LP3929 Datasheet HTML 8Page - National Semiconductor (TI) LP3929 Datasheet HTML 9Page - National Semiconductor (TI) LP3929 Datasheet HTML 10Page - National Semiconductor (TI) LP3929 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Electrical Characteristics Unless otherwise specified: C
VBAT = 1 µF, IOUT = 1 mA, CVDDB = 1 µF, CVDDA =
1 µF. Typical values and limits appearing in standard typeface apply for T
A = 25˚C. Limits appearing in boldface type apply
over the entire ambient temperature range for operation, −30˚C to +85˚C. (Notes 3, 4)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Supply Current
I
DD
Supply Current
All Channels Static: A
→ B
mode, LDO unloaded
V
BAT
4
7
mA
V
DDA
95
200
µA
I
DDZ
Supply Current — Shutdown
EN = V
SS
V
BAT
0.1
2
µA
V
DDA
0.2
2
µA
C
OUT
Output Capacitance (Note 15)
B (card) port
15
20
pF
Level Shifter AC Switching Characteristics Unless otherwise specified: C
VBAT = 1 µF, IOUT =1
mA, C
VDDB = 1 µF, CVDDA = 1 µF. Typical values and limits appearing in standard typeface apply for TA = 25˚C. Limits ap-
pearing in boldface type apply over the entire ambient temperature range for operation, −30˚C to +85˚C. (Notes 3, 5, 15, 16)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t
PLH
Propagation Delay A to B or B to A
C
LB = 15 pF, CLA =20pF,
50%-50%
3
7
ns
Propagation Delay CLK_A to fCLK_A
C
LA = 20 pF, 50%-50%
5
14
ns
t
PHL
Propagation Delay A to B or B to A
C
LB = 15 pF, CLA =20pF,
50%-50%
3
7
ns
Propagation Delay CLK_A to fCLK_A
C
LA = 20 pF, 50%-50%
5
14
ns
t
RISE
Rise Time A Side Output Figure 2
C
LA = 20 pF, 20%-70%
1.1
3
ns
Rise Time B Side Output with ASIP Figure 2
C
LB = 15 pF, 20%-70%
1.6
3
ns
t
FALL
Fall Time A Side Output Figure 2
C
LA = 20 pF, 20%-70%
1.0
3
ns
Fall Time B Side Output with ASIP Figure 2
C
LB = 15 pF, 20%-70%
1.9
3
ns
t
SKEW
Skew between D0–D3, CLK and CMD outputs
(either edge)
<0.5
1.0
ns
t
EN
Enable Time
30
200
µs
t
DIS
Disable Time
18
50
ns
t
TA
Level-Shifter Direction Switch Response
(Turn Around) Time
13
20
ns
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com