Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3929 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3929
Description  High Speed Bi-Directional Level Shifter and Ultra Low-Dropout CMOS Voltage Regulator and Line
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3929 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LP3929 Datasheet HTML 4Page - National Semiconductor (TI) LP3929 Datasheet HTML 5Page - National Semiconductor (TI) LP3929 Datasheet HTML 6Page - National Semiconductor (TI) LP3929 Datasheet HTML 7Page - National Semiconductor (TI) LP3929 Datasheet HTML 8Page - National Semiconductor (TI) LP3929 Datasheet HTML 9Page - National Semiconductor (TI) LP3929 Datasheet HTML 10Page - National Semiconductor (TI) LP3929 Datasheet HTML 11Page - National Semiconductor (TI) LP3929 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LDO Electrical Characteristics
Unless otherwise specified: C
VBAT = 1 µF, IOUT = 1 mA, CVDDB = 1 µF, CVDDA = 1 µF. Typical values and limits appearing in
standard typeface apply for T
A = 25˚C. Limits appearing in boldface type apply over the entire ambient temperature range for
operation, −30˚C to +85˚C. (Note 3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
OUT
Output Voltage, V
OUT =VDDB
I
OUT = 200mA, VBAT = 3.05V to 5.5V
2.76
2.85
2.93
V
∆V
OUT
Output Voltage Tolerance
I
OUT =1mA
−2
−3
2
3
%of
V
OUT(nom)
Line Regulation Error (Note 6)
V
BAT =(VOUT(nom) + 0.5V) to 5.5V, IOUT =
1mA
−0.15
0.15
%/V
Load Regulation Error (Note 7)
I
OUT =1mAto200 mA
−0.01
0.01
%/mA
Output AC Line Regulation
V
BAT =VOUT(nom) + 1V,
I
OUT = 100 mA, COUT = 1.0 µF
1.5
mV
PP
PSRR
Power Supply Rejection Ratio (Note
15)
V
BAT =VOUT(nom) + 1V,
f = 1 kHz, I
OUT =50mA
40
dB
V
BAT =VOUT(nom) + 1V,
f = 10 kHz, I
OUT =50mA
30
∆V
DO
Dropout Voltage (Note 8)
I
OUT =1mA
1
mV
I
OUT =50mA
20
I
OUT = 100 mA
35
I
OUT = 200 mA
60
110
I
SC
Short Circuit Current Limit
V
BAT = 5.5V, Output Grounded (Steady
State)
750
mA
T
ON
Turn-On Time (Notes 9, 15)
30
200
µs
ρn (1/f)
Output Noise Density
f = 1 kHz, C
OUT = 1.0 µF
0.6
µV/
√Hz
e
n
Output Noise Voltage
BW = 10 Hz to 100 kHz, C
OUT = 1.0 µF
45
µVrms
Output
Capacitor
Output Filter Capacitance (Note 10)
V
BAT = 3.05V to 5.5V,
I
OUT = 1mA to 200 mA
0.7
1.0
22
µF
Output Filter Capacitance ESR
(Note 11)
V
BAT = 3.05V to 5.5V,
I
OUT = 1mA to 200mA
5
500
m
Ω
Thermal
Shutdown
Thermal Shutdown Temperature
(Notes 12, 15)
V
BAT = 3.05V to 5.5V,
I
OUT = 1mA to 200mA
160
˚C
Thermal Shutdown Hysteresis (Note
15)
20
˚C
Note 1: "Absolute Maximum Ratings" are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the device
should be operated at these limits. The tables of "Electrical Characteristics" specify conditions for device operation.
Note 2: IEC61000-4-2 level 4 ESD tolerance applies to VDDB, D0_B–D3_B, CMD_B, CLK_B, WP and CP pins only. Device is tested in application (common
ground, bypass capacitors of 1.0 µF present on VBAT,VDDA and VDDB).
Note 3: Typical values are given for VDDA = 1.8V, VBAT = 3.6V, TA = 25˚C
Note 4: Current into device pins is defined as positive. Current out of device pins is defined as negative. Voltages are reference to ground unless otherwise
specified.
Note 5: Input signal for test purpose is defined as: A side – 0V to 1.8V with 2ns rise time (20%-70%) and B side – 0V to 2.85V with 2ns rise time (20%-70%)
Note 6: The output voltage changes slightly with line voltage. An increase in the line voltage results in a slight increase in the output voltage and vice versa.
Note 7: The output voltage changes slightly with load current. An increase in the load current results in a slight decrease in the output voltage and vice versa.
Note 8: Dropout voltage is the input-to-output voltage difference at which the output voltage is 100 mV below its nominal value. This specification does not apply
for input voltages below 2.7V.
Note 9: Turn-on time is that between when the enable input is high an the output voltage just reaching 95% of its nominal value.
Note 10: Range of capacitor value for which the device will remain stable. This electrical specification is guaranteed by design.
Note 11: Range of capacitor ESR values for which the device will remain stable. This electrical specification is guaranteed by design.
Note 12: The built-in thermal shut-down of the LDO is also used to put all A and B outputs in tri-state mode.
Note 13: Additional information on lead temperature and pad temperature can be found in National Semiconductor Application Note (AN-1112).
Note 14: Unused inputs must be terminated.
Note 15: This electrical specification is guaranteed by design.
Note 16: The SD/MMC card specification calls for a total of 30 pF capacitance. A load of 15 pF is internal to the LP3929, so the external load capacitance on the
B side should comprise the remaining (15 pF or less).
Timing Diagrams
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com