Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMD-766AC Datasheet(PDF) 32 Page - Advanced Micro Devices

Part # AMD-766AC
Description  Peripheral Bus Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-766AC Datasheet(HTML) 32 Page - Advanced Micro Devices

Back Button AMD-766AC Datasheet HTML 28Page - Advanced Micro Devices AMD-766AC Datasheet HTML 29Page - Advanced Micro Devices AMD-766AC Datasheet HTML 30Page - Advanced Micro Devices AMD-766AC Datasheet HTML 31Page - Advanced Micro Devices AMD-766AC Datasheet HTML 32Page - Advanced Micro Devices AMD-766AC Datasheet HTML 33Page - Advanced Micro Devices AMD-766AC Datasheet HTML 34Page - Advanced Micro Devices AMD-766AC Datasheet HTML 35Page - Advanced Micro Devices AMD-766AC Datasheet HTML 36Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 96 page
background image
Preliminary Information
23167B – March 2001
AMD-766
TM Peripheral Bus Controller Data Sheet
32
Fixed address spaces.
Port(s)
Mnemonic
Type
Function
00-0F
PORTxx
IO mapped
Slave DMA controller
20-21
PORTxx
IO mapped
Master interrupt controller
40-43
PORTxx
IO mapped
Programmable interval timer
60, 64
PORTxx
IO mapped
USB keyboard emulation address
61
PORT61
IO mapped
AT Compatibility Register
70-73
RTCxx
IO mapped
Real-time clock and CMOS RAM
80-8F
PORTxx
IO mapped
DMA page registers
92
PORT92
IO mapped
System control register
A0-A1
PORTxx
IO mapped
Slave interrupt controller
C0-DF
PORTxx
IO mapped
Master DMA controller
F0-F1
PORTxx
IO mapped
Floating point error control
170-177, 376
PORTxxx
IO mapped
Secondary IDE drives (not used when in native mode)
1F0-1F7, 376
PORTxxx
IO mapped
Primary IDE drives (not used when in native mode)
4D0-4D1
PORT4D0
IO mapped
EISA-defined level-triggered interrupt control registers
CF9
PORTCF9
IO mapped
System reset register
FEC0_0000 to
FEC0_001F
IOAxx
Memory mapped IOAPIC register set
Relocatable address spaces.
Base address
register
Mnemonic
Type
Size
(bytes)
Function
C1A10
None
IO mapped
8
Pointer to primary port IDE command space
C1A14
None
IO mapped
4
Pointer to primary port IDE control space
C1A18
None
IO mapped
8
Pointer to secondary port IDE command space
C1A1C
None
IO mapped
4
Pointer to secondary port IDE control space
C1A20
IBMx
IO mapped
16
IDE controller bus master control registers
C3A58
PMxx
IO mapped
256
System management IO register space
C4A10
USBxxx
Memory mapped
4K
USB IO register space
Note: C1A10, C1A14, C1A18, and C1A20 are only used when the IDE controller is in native mode as specified by
C1A08.
The following are register behaviors found in the register descriptions.
Type
Description
Read or read only
Capable of being read by software. Read only implies that the register cannot be written to by
software.
Write
Capable of being written by software.
Set by hardware
Register bit is set high hardware.
Write 1 to clear
Software must write a 1 to the bit in order to clear it. Writing a 0 to these bits has no effect.
Write 1 only
Software may set the bit high by writing a 1 to it. However subsequent writes of 0 have no
effect. RESET# must be asserted in order to clear the bit.
Write once
After RESET#, these registers may be written to once. After they are written, they become
read only until the next RESET# assertion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com