Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMD-766AC Datasheet(PDF) 14 Page - Advanced Micro Devices

Part # AMD-766AC
Description  Peripheral Bus Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-766AC Datasheet(HTML) 14 Page - Advanced Micro Devices

Back Button AMD-766AC Datasheet HTML 10Page - Advanced Micro Devices AMD-766AC Datasheet HTML 11Page - Advanced Micro Devices AMD-766AC Datasheet HTML 12Page - Advanced Micro Devices AMD-766AC Datasheet HTML 13Page - Advanced Micro Devices AMD-766AC Datasheet HTML 14Page - Advanced Micro Devices AMD-766AC Datasheet HTML 15Page - Advanced Micro Devices AMD-766AC Datasheet HTML 16Page - Advanced Micro Devices AMD-766AC Datasheet HTML 17Page - Advanced Micro Devices AMD-766AC Datasheet HTML 18Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 96 page
background image
Preliminary Information
23167B – March 2001
AMD-766
TM Peripheral Bus Controller Data Sheet
14
3.7
Universal Serial Bus Interface
Pin name and description
IO cell
type
Power
plane
During
Reset
Post
Reset
POS
USBCLK. 48 MHz USB clock.
Input
VDD3
-
-
-
USBOC0#. USB over current detect 0. This is expected to become active
to report the occurrence of an over-current condition on the voltage
supplied to the USB ports.
Input
VDD3
-
-
-
USBP[3:0], USBN[3:0]. Analog; USB ports. These are four pairs of
differential USB signals. USBP[3:0] are the positive signals and
USBN[3:0] are the negative signals. These signals go into the high-
impedance state during sleep states; internal logic may detect USB resume
events while in these states and set the status bit, PM20[USB_RSM_STS].
Analog VDD_
USB
3-state 3-state 3-state
3.8
Miscellaneous Signals
Pin name and description
IO cell
type
Power
plane
During
Reset
Post
Reset
POS
STRAPH[2:0]. These pins should be tied high through a pull-up resistor
(to VDD_AUX).
Input
VDD_
AUX
---
STRAPL[3:0]. These should be grounded on the system board.
Input
VDD3
-
-
-
TEST#. Scan, NAND tree, and high-impedance mode enable. See
section 9 for details.
Input
VDD3
-
-
-
3.9
Power And Ground
See section 4.6.1.5 for a description of the system power states. The following power and ground planes are
connected to the IC through BGA pins.
VDD3. Main 3.3 volt supply. This plane is required to be valid in the FON and POS power states.
VDD_AUX. Auxiliary 3.3 volt plane. This plane is required to be valid in all system power states except MOFF.
The pins powered by these planes are: PWRBTN#, PWRON#, PME#, SMBUS[C,D], EXTSMI#, SLPBTN#, RI#,
PWRGD, PCIRST#, RPWRON, DCSTOP#, STRAPH[2:0], STRAPL1. All register bits that are on the VDD_AUX
plane are reset by the internal RST_SOFT pulse that is generated for about 30 milliseconds after VDD_AUX
becomes valid.
VDD_REF. 5.0 volt reference supply. This plane is required to be valid in all power states except MOFF. It is
expected that this plane is connected to a 5-volt power supply that is active in the SOFF (soft off) power state, i.e., the
5-volt version of VDD_AUX from the power supply is required for this pin.
VDD_RTC. Real-time clock 3.3 volt supply. This plane is required to be valid in all power states. It is typically
powered by a battery. It supplies power for the internal VDD_AL power plane when VDD_AUX is not valid.
VDD_USB. 3.3 volt supply filtered for the USB transceivers. This plane is required to be valid in all power states
except MOFF.
VSS. Main ground plane.
VSS_USB. Ground plane filtered for the USB transceivers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com