Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMD-766AC Datasheet(PDF) 39 Page - Advanced Micro Devices

Part # AMD-766AC
Description  Peripheral Bus Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-766AC Datasheet(HTML) 39 Page - Advanced Micro Devices

Back Button AMD-766AC Datasheet HTML 35Page - Advanced Micro Devices AMD-766AC Datasheet HTML 36Page - Advanced Micro Devices AMD-766AC Datasheet HTML 37Page - Advanced Micro Devices AMD-766AC Datasheet HTML 38Page - Advanced Micro Devices AMD-766AC Datasheet HTML 39Page - Advanced Micro Devices AMD-766AC Datasheet HTML 40Page - Advanced Micro Devices AMD-766AC Datasheet HTML 41Page - Advanced Micro Devices AMD-766AC Datasheet HTML 42Page - Advanced Micro Devices AMD-766AC Datasheet HTML 43Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 96 page
background image
Preliminary Information
23167B – March 2001
AMD-766
TM Peripheral Bus Controller Data Sheet
39
C0A52: LPC Bus Decode Register 1
Configuration space; function 0; offset: 52h Default: 00h Read-write.
76:4
32:0
SBEN
SBRANGE
SAEN
SARANGE
SARANGE and SBRANGE. Serial port A and B range. Selects the serial port IO ranges routed to the LPC bus.
S[A,B]RANGE Range
S[A,B]RANGE Range
000b
3F8 - 3FFh (COM1)
100b
238 - 23Fh
001b
2F8 - 2FFh (COM2)
101b
2E8 - 2EFh (COM4)
010b
220 - 227h
110b
338 - 33Fh
011b
228 - 22Fh
111b
3E8 - 3EFh (COM3)
SAEN and SBEN. Serial ports A and B enable. 1=Serial port IO port accesses specified by the corresponding
RANGE field in this register are routed to the LPC bus (SAEN enables SARANGE and SBEN enables SBRANGE).
0=These accesses are routed to the ISA bus.
C0A53: LPC Bus Decode Register 2
Configuration space; function 0; offset: 53h Default: 00h Read-write.
76
5:4
321:0
Reserved
MEN
MRANGE
AL
AEN
ARANGE
ARANGE. Audio range. Selects the audio device range routed to the LPC bus as follows:
ARANGE
Range
00b
220 - 233h
01b
240 - 253h
10b
260 - 273h
11b
280 - 293h
AEN. Audio enable. 1=Audio IO port accesses specified by the ARANGE field in this register are routed to the LPC
bus. 0=These accesses are routed to the ISA bus.
AL. Audio legacy enable. 1=Audio legacy IO ports, 388h - 389h, are routed to the LPC bus. 0=These accesses are
routed to the ISA bus.
MRANGE. MIDI range. Selects the MIDI device range routed to the LPC bus as follows:
MRANGE
Range
00b
300 - 301h
01b
310 - 311h
10b
320 - 321h
11b
330 - 331h
MEN. MIDI enable. 1=MIDI IO port accesses specified by the MRANGE field in this register are routed to the LPC
bus. 0=These accesses are routed to the ISA bus.
C0A54: LPC Bus Decode Register 3
Configuration space; function 0; offset: 54h. Default: 00h. Read-write.
7:6
5
4
321:0
Reserved
ASIO
SIO
RESERVED MSEN
MSRANGE
MSRANGE. MSS range. Selects the MSS device range routed to the LPC bus as follows:
MSRANGE
Range
00b
530 - 537h
01b
604 - 60Bh
10b
E80 - E87h
11b
F40 - F47h
MSEN. MSS enable. 1=MSS IO port accesses specified by the MSRANGE field in this register are routed to the
LPC bus. 0=These accesses are routed to the ISA bus.
SIO. Super IO configuration. 1=Super IO configuration IO ports, 2Eh - 2Fh, are routed to the LPC bus. 0=These
accesses are routed to the ISA bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com