Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMD-766AC Datasheet(PDF) 71 Page - Advanced Micro Devices

Part # AMD-766AC
Description  Peripheral Bus Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-766AC Datasheet(HTML) 71 Page - Advanced Micro Devices

Back Button AMD-766AC Datasheet HTML 67Page - Advanced Micro Devices AMD-766AC Datasheet HTML 68Page - Advanced Micro Devices AMD-766AC Datasheet HTML 69Page - Advanced Micro Devices AMD-766AC Datasheet HTML 70Page - Advanced Micro Devices AMD-766AC Datasheet HTML 71Page - Advanced Micro Devices AMD-766AC Datasheet HTML 72Page - Advanced Micro Devices AMD-766AC Datasheet HTML 73Page - Advanced Micro Devices AMD-766AC Datasheet HTML 74Page - Advanced Micro Devices AMD-766AC Datasheet HTML 75Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 96 page
background image
Preliminary Information
23167B – March 2001
AMD-766
TM Peripheral Bus Controller Data Sheet
71
PM16: Resume Event Enable Register
IO mapped (base pointer: C3A58); offset: 17-16h. Default: 0000h. Read-write.
For these bits, 1=Enable the specified event to resume the system out C2, C3, or POS.
15
14
13
12
11
10
9
8
Reserved
RI_RSM
Reserved
Reserved
Reserved
SIT_RSM
RTC_RSM
IRQ_RSM
765
43210
USB_RSM
SLPB_RSM SMBA_RSM HSLV_RSM SNP_RSM
EXT_RSM
PME_RSM
PB_RSM
PB_RSM. Resume on PM00[PWRBTN_STS]=1.
PME_RSM. Resume on PM20[PME_STS]=1.
EXT_RSM. Resume on PM20[EXTSMI_STS]=1.
SNP_RSM. Resume PME0[SNP_STS]=1.
HSLV_RSM. Resume on PME0[HSLV_STS]=1.
SMBA_RSM. Resume on PME0[SMBA_STS]=1.
SLPB_RSM. Resume on PM00[SLPBTN_STS]=1.
USB_RSM. Resume on PM20[USB_RSM_STS]=1.
IRQ_RSM. Resume on assertion of an unmasked IRQ (when INTR to the processor is set). Note: IRQ0, the timer
tick interrupt, may be masked from generating these resume events via C3A50[PITRSM#].
RTC_RSM. Resume on PM00[RTC_STS]=1.
SIT_RSM. Resume on PM20[SIT_STS]=1.
RI_RSM. Resume on PM20[RI_STS]=1.
PM18: Flag Write Register
IO mapped (base pointer: C3A58); offset: 19-18h. Default: 0000h. Read-write.
15:0
FWRDATA
FWRDATA. Flag write data. Writes to this register are routed to the ISA bus with the FLAGWR pin asserted. The
SA and SD ISA bus pins are guaranteed to be valid at least 30 nanoseconds before and 20 nanoseconds after
FLAGWR is asserted. Reads provide the last data written to this register (internally latched). PM18 and PM1A
should not be read in a single cycle; the two registers are required to be read separately. To use the FLAGWR pin,
PMCA is required to be configured as the FLAGWR function.
PM1A: Flag Read Register
IO mapped (base pointer: C3A58); offset: 1B-1Ah. Default: 0000h. Read only.
15:0
FRDDATA
FRDDATA. Flag read data. Reads from this register are routed to the ISA bus with the FLAGRD# pin asserted.
FLAGRD# is asserted with the same timing as IOR# for these cycles. PM18 and PM1A should not be read in a
single cycle; the two registers are required to be read separately. To use the FLAGRD# pin, PMCB is required to be
configured as the FLAGRD# function.
PM1E (PM2F): Software SMI Trigger Register
IO mapped (base pointer: C3A58); offset: 1Eh. Default: 00h. Read-write. This address accesses the same physical
register located at PM2F (i.e., both accesses to PM1E and PM2F identically access the same register and both may be
used to set PM28[SWI_STS]).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com