Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMD-766AC Datasheet(PDF) 72 Page - Advanced Micro Devices

Part # AMD-766AC
Description  Peripheral Bus Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-766AC Datasheet(HTML) 72 Page - Advanced Micro Devices

Back Button AMD-766AC Datasheet HTML 68Page - Advanced Micro Devices AMD-766AC Datasheet HTML 69Page - Advanced Micro Devices AMD-766AC Datasheet HTML 70Page - Advanced Micro Devices AMD-766AC Datasheet HTML 71Page - Advanced Micro Devices AMD-766AC Datasheet HTML 72Page - Advanced Micro Devices AMD-766AC Datasheet HTML 73Page - Advanced Micro Devices AMD-766AC Datasheet HTML 74Page - Advanced Micro Devices AMD-766AC Datasheet HTML 75Page - Advanced Micro Devices AMD-766AC Datasheet HTML 76Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 96 page
background image
Preliminary Information
23167B – March 2001
AMD-766
TM Peripheral Bus Controller Data Sheet
72
PM20: ACPI GP Status Register
IO mapped (base pointer: C3A58); offset: 21-20h. Default: 0000h. Read; set by hardware; write 1 to clear.
Access to some of these bits is replicated in PM24 and PM28. For these bits, there is only one physical register.
These bits have the ability to generate an SCI/SMI interrupt, if they are enabled to do so in PM22.
15
14
13
12
11
10
9
8
USB_RSM_STS RI_STS
Reserved
Reserved
Reserved
THERM_STS
EXTSMI_STS
PME_STS
76
5
4
3
2
1
0
TCOSCI_STS
Reserved
SIT_STS
Reserved
Reserved
Reserved
Reserved
Reserved
SIT_STS. System inactivity timer time out status. 1=The system inactivity timer, PM98, timed out. Access to this
register is replicated in PM28.
TCOSCI_STS. TCO SCI interrupt status. 1=There was a 0 to 1 transition on PM46[INTRDR_STS] or
PM44[TCO_INT_STS].
PME_STS. PME# pin status. 1=The PME# pin was asserted. This bit resides on the VDD_AUX power plane.
Access to this register is replicated in PM28.
EXTSMI_STS. External SMI pin status. 1=The EXTSMI# pin was asserted (the active state is dependent upon the
GPIO12 input polarity). This bit resides on the VDD_AUX power plane. Access to this register is replicated in
PM28.
THERM_STS. THERM# pin status. 1=The THERM# pin was asserted. Access to this register is replicated in
PM28.
RI_STS. RI# pin status. 1=The RI# pin is asserted (the active state is dependent upon the GPIO14 input polarity).
This bit resides on the VDD_AUX power plane. Access to this register is replicated in PM28.
USB_RSM_STS. USB-defined resume event status. 1=The USB-defined resume event has occurred. This bit
resides on the VDD_AUX power plane. Access to this register is replicated in PM24.
PM22: ACPI GP Enable Register
IO mapped (base pointer: C3A58); offset: 23-22h. Default: 0000h. Read-write.
These bits work in conjunction with the corresponding bits in PM20 to generate SCI or SMI interrupts. For each of
the bits in this register: 1=Enable a corresponding status bit in PM20 to generate an SMI or SCI interrupt (based on
the state of PM04[SCI_EN]); 0=Do not enable the SMI or SCI interrupt.
15
14
13
12
11
10
9
8
USB_RSM_EN
RI_EN
Reserved
Reserved
Reserved
THERM_EN
EXTSMI_EN
PME_EN
76
5
4
3
2
1
0
TCOSCI_EN
Reserved
SIT_EN
Reserved
Reserved
Reserved
Reserved
Reserved
SIT_EN. System inactivity timer time out ACPI interrupt enable.
TCOSCI_EN. TCO SCI enable. Note: When this is high, C3A44[TCO_INT_SEL] is ignored.
PME_EN. PME# pin ACPI interrupt enable.
EXTSMI_EN. External SMI pin ACPI interrupt enable.
THERM_EN. THERM# pin ACPI interrupt enable.
RI_EN. RI# pin ACPI interrupt enable.
USB_RSM_EN. USB resume event ACPI interrupt enable. Access to this bit is replicated in PM25; there is only
one physical register accessed through both PM22 and PM25.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com