Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMD-766AC Datasheet(PDF) 9 Page - Advanced Micro Devices

Part # AMD-766AC
Description  Peripheral Bus Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-766AC Datasheet(HTML) 9 Page - Advanced Micro Devices

Back Button AMD-766AC Datasheet HTML 5Page - Advanced Micro Devices AMD-766AC Datasheet HTML 6Page - Advanced Micro Devices AMD-766AC Datasheet HTML 7Page - Advanced Micro Devices AMD-766AC Datasheet HTML 8Page - Advanced Micro Devices AMD-766AC Datasheet HTML 9Page - Advanced Micro Devices AMD-766AC Datasheet HTML 10Page - Advanced Micro Devices AMD-766AC Datasheet HTML 11Page - Advanced Micro Devices AMD-766AC Datasheet HTML 12Page - Advanced Micro Devices AMD-766AC Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 96 page
background image
Preliminary Information
23167B – March 2001
AMD-766
TM Peripheral Bus Controller Data Sheet
9
3.4
ISA/LPC Bus and Legacy Support Signals
Pin name and description
IO cell
type
Power
plane
During
Reset
Post
Reset
POS
BCLK. ISA bus clock. This is the approximately 8 MHz ISA-bus clock.
It is the frequency of PCLK divided by four.
Output VDD3
Func.
Func.
Func.
EKIRQ1. External keyboard controller IRQ1. This is designed to be
connected to the keyboard controller’s IRQ1 for the internal interrupt
controller logic.
Input
VDD3
Input
Input
Func.
EKIRQ12. External keyboard controller IRQ12 mouse interrupt. This is
designed to be connected to the keyboard controller’s IRQ12 for the
internal interrupt controller logic. See C3A46[10:9] for information on
how the IRQ12 pin and the mouse interrupt are combined.
Input
VDD3
Input
Input
Func.
IOCHK#. ISA bus IO channel check signal. The assertion of this signal
controls PORT61[IOCHK].
Input-
PU
VDD3
-
-
-
IOCHRDY. ISA bus IO channel ready signal. This is deasserted by ISA
bus slaves to extend the duration of the cycle.
Input-
PU
VDD3
3-state 3-state 3-state
IOR#. ISA bus IO read signal.
Output VDD3
High
High
High
IOW#. ISA bus IO write signal.
Output VDD3
High
High
High
IRQ[11:9,7:3]. ISA bus interrupt request signals.
REQ[7:0]#. PCI bus master request pins (alternate function to IRQ[11:9,
7:3]; selected by PMF5). These pins may be used to set PM00[BM_STS].
Input-
PU
VDD3
-
-
-
IRQ12. ISA bus interrupt request 12.
SMBALERT#. SMBus alert (alternate function to IRQ12; selected by
C3A46[10:9]). When enabled to do so, this may be used to generate an
SMI or SCI interrupt associated with the SMBus logic.
USBOC1#. USB over current detect 1 (alternate function to IRQ12;
selected by C3A46[10:9]). When enabled to do so, this may be routed to
the USB block to be a second source of USB port over-current detection.
Input
VDD3
-
-
-
IRQ[15,14]. Input; ISA bus interrupt request signals.
NMPIRQ. Native mode primary IDE port IRQ (alternate function to
IRQ14; selected by C1A08[8]). When C1A08[8] is high, this pin becomes
an active-high, shared interrupt that is logically combined with PIRQA#
such that it may be shared with other PCI devices. This is in support of
native mode as defined by the PCI IDE Controller Specification.
NMSIRQ. Native mode secondary IDE port IRQ (alternate function to
IRQ15; selected by C1A08[10]). When C1A08[10] is high, this pin
becomes an active-high, shared interrupt that is logically combined with
PIRQA# such that it may be shared with other PCI devices. This is in
support of native mode as defined by the PCI IDE Controller
Specification.
Input-
PU
VDD3
-
-
-
ISABIOS. Direct BIOS accesses to the ISA bus versus the LPC bus. The
state of this pin may be accessed in C3A48[ISABIOS]. 1=The ISA bus.
0=The LPC bus.
Input
VDD3
Input
Input
Input
KA20G. Keyboard A20 gate. This is designed to be the gate A20 signal
from the system keyboard controller. It affects A20M#.
Input
VDD3
Input
Input
Func.
KBRC#. Keyboard reset command. This is designed to be the processor
Input
VDD3
Input
Input
Func.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com