Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1337GCSRGI Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 1337GCSRGI
Description  REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

1337GCSRGI Datasheet(HTML) 3 Page - Renesas Technology Corp

  1337GCSRGI Datasheet HTML 1Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 2Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 3Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 4Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 5Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 6Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 7Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 8Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
IDT1337G
REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
RTC
IDT® REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
3
IDT1337G
REV M 073013
Pin Descriptions
Pin Number
Pin
Name
Pin Description/Function
MSOP
SOIC
QFN
1
—
14
X1
Connections for standard 32.768 kHz quartz crystal. The internal oscillator
circuitry is designed for operation with a crystal having a specified load
capacitance (CL) of 7 pF. An external 32.768 kHz oscillator can also drive the
IDT1337G. In this configuration, the X1 pin is connected to the external
oscillator signal and the X2 pin is left floating.
2—
15
X2
314
2
INTA
Interrupt output. When enabled, INTA is asserted low when the time/day/date
matches the values set in the alarm registers. This pin is an open-drain output
and requires an external pull-up resistor (10 k
 typical).
4
15
3
GND
Connect to ground. DC power is provided to the device on these pins.
5
16
6
SDA
Serial data input/output. SDA is the input/output pin for the I2C serial interface.
The SDA pin is an open-drain output and requires an external pull-up resistor
(2 k
 typical).
6
1
7
SCL
Serial clock input. SCL is used to synchronize data movement on the serial
interface. The SCL pin is an open-drain output and requires an external pull-up
resistor (2 k
 typical).
7
2
10
SQW/INTB
Square-Wave/Interrupt output. Programmable square-wave or interrupt output
signal. The SQW/INT pin is an open-drain output and requires an external
pull-up resistor (10 k
 typical). This pin can also function as an additional
interrupt pin under certain conditions (see page 6 for details).
8
3
11
VCC
Primary power supply. DC power is applied to this pin.
—
4 - 13
1,4,5,8,9,
12,13,16
NC
No connect. These pins are unused and must be connected to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com