Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1337GCSRGI Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # 1337GCSRGI
Description  REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

1337GCSRGI Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button 1337GCSRGI Datasheet HTML 19Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 20Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 21Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 22Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 23Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 24Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 25Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 26Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
IDT1337G
REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
RTC
IDT® REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
23
IDT1337G
REV M 073013
Package Outline and Package Dimensions (16-pin SOIC, 300 mil Body)
Package dimensions are kept current with JEDEC Publication No. 95
INDEX
AREA
1 2
16
D
E1
E
SEATING
PLANE
A
1
A
A
2
e
- C -
b
aaa
C
c
L
*For reference only. Controlling dimensions in mm.
Millimeters
Inches*
Symbol
Min
Max
Min
Max
A
--
2.65
--
0.104
A1
0.10
--
0.0040
--
A2
2.05
2.55
0.081
0.100
b
0.33
0.51
0.013
0.020
c
0.18
0.32
0.007
0.013
D
10.10
10.50
0.397
0.413
E
10.00
10.65
0.394
0.419
E1
7.40
7.60
0.291
0.299
e
1.27 Basic
0.050 Basic
L
0.40
1.27
0.016
0.050
0
8
0
8
aaa
-
0.10
-
0.004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com