Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1337GCSRGI Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 1337GCSRGI
Description  REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

1337GCSRGI Datasheet(HTML) 4 Page - Renesas Technology Corp

  1337GCSRGI Datasheet HTML 1Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 2Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 3Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 4Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 5Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 6Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 7Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 8Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
IDT1337G
REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
RTC
IDT® REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
4
IDT1337G
REV M 073013
Typical Operating Circuit
Detailed Description
Communications to and from the IDT1337G occur serially
over an I2C bus. The IDT1337G operates as a slave device
on the serial bus. Access is obtained by implementing a
START condition and providing a device identification code,
followed by data. Subsequent registers can be accessed
sequentially until a STOP condition is executed. The device
is fully accessible through the I2C interface whenever VCC
is between 5.5 V and 1.8 V. I2C operation is not guaranteed
when VCC is below 1.8 V. The IDT1337G maintains the time
and date when VCC is as low as 1.3 V.
The following sections discuss in detail the Oscillator block,
Clock/Calendar Register Block and Serial I2C block.
Oscillator Block
Selection of the right crystal, correct load capacitance and
careful PCB layout are important for a stable crystal
oscillator. Due to the optimization for the lowest possible
current in the design for these oscillators, losses caused by
parasitic currents can have a significant impact on the
overall oscillator performance. Extra care needs to be taken
to maintain a certain quality and cleanliness of the PCB.
Crystal Selection
The key parameters when selecting a 32 kHz crystal to work
with IDT1337G RTC are:
• Recommended Load Capacitance
• Crystal Effective Series Resistance (ESR)
• Frequency Tolerance
Effective Load Capacitance
Please see diagram below for effective load capacitance
calculation. The effective load capacitance (CL) should
match the recommended load capacitance of the crystal in
order for the crystal to oscillate at its specified parallel
resonant frequency with 0ppm frequency error.
In the above figure, X1 and X2 are the crystal pins of our
device. Cin1 and Cin2 are the internal capacitors which
include the X1 and X2 pin capacitance. Cex1 and Cex2 are
the external capacitors that are needed to tune the crystal
frequency. Ct1 and Ct2 are the PCB trace capacitances
between the crystal and the device pins. CS is the shunt
capacitance of the crystal (as specified in the crystal
manufacturer's datasheet or measured using a network
analyzer).
CPU
X1
X2
VCC
SQW/INTB
INTA
GND
SDA
SCL
CRYSTAL
IDT1337G
VCC
2k
2k
VCC
VCC
10k
10k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com