Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1337GCSRGI Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # 1337GCSRGI
Description  REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

1337GCSRGI Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button 1337GCSRGI Datasheet HTML 10Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 11Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 12Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 13Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 14Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 15Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 16Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 17Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
IDT1337G
REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
RTC
IDT® REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
14
IDT1337G
REV M 073013
DC Electrical Characteristics
Unless stated otherwise, VCC = 1.8 V to 5.5 V, Ambient Temp. -40 to +85
C, Note 1
DC Electrical Characteristics
Unless stated otherwise, VCC = 1.3 V to 1.8 V, Ambient Temp. -40 to +85
C (industrial), Note 1
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Leakage
ILI
Note 2
-1
+1
µA
I/O Leakage
ILO
Note 3
-1
+1
µA
Logic 0 Output
VOL = 0.4 V
IOL
Note 3
3
mA
Active Supply Current
ICCA
Note 4
5
150
µA
Standby Current
ICCS
Notes 5, 6
1.5
µA
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Timekeeper Current (Oscillator
Enabled)
ICCTOSC Notes 5, 7, 8, 9
725
900
nA
Data-Retention Current (Oscillator
Disabled)
ICCTDDR Notes 5, 9
300
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com