Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1337GCSRGI Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 1337GCSRGI
Description  REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

1337GCSRGI Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 1337GCSRGI Datasheet HTML 9Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 10Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 11Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 12Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 13Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 14Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 15Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 16Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
IDT1337G
REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
RTC
IDT® REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
13
IDT1337G
REV M 073013
Handling, PCB Layout, and Assembly
The IDT1337G package contains a quartz tuning-fork crystal. Pick-and-place equipment may be used, but precautions
should be taken to ensure that excessive shocks are avioded. Ultrasonic cleaning equipment should be avioded to prevent
damage to the crystal.
Avoid running signal traces under the package, unless a ground plane is placed between the package and the signal line.
All NC (no connect) pins must be connected to ground.
Moisture-sensitive packages are shipped from the factory dry-packed. Handling instructions listed on the package label must
be followed to prevent damage during reflow. Refer to the IPC/JEDEC J-STD-020 standard for moisture-sensitive device
(MSD) classifications.
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the IDT1337G. These ratings, which are standard
values for IDT commercially rated parts, are stress ratings only. Functional operation of the device at these or any other
conditions above those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods can affect product reliability. Electrical parameters are guaranteed only
over the recommended operating temperature range.
Recommended DC Operating Conditions
Item
Rating
Voltage Range (on any pin relative to ground)
-0.3 V to +6.0 V
Storage Temperature
-55 to +125
C
Soldering Temperature
260
C
Ambient Operating Temperature (industrial)
-40 to +85°C
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
VCC Supply Voltage
VCC
Full operation
1.8
3.3
5.5
V
VCCT
Timekeeping
1.3
1.8
V
Ambient Operating Temperature (industrial)
TA
-40
+85
C
Logic 1
VIH
SCL, SDA
0.8VCC
VCC + 0.3
V
INTA, SQW/INTB
5.5
Logic 0
VIL
-0.3
+0.3VCC
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com