Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1337GCSRGI Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # 1337GCSRGI
Description  REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

1337GCSRGI Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button 1337GCSRGI Datasheet HTML 6Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 7Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 8Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 9Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 10Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 11Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 12Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 13Page - Renesas Technology Corp 1337GCSRGI Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
IDT1337G
REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
RTC
IDT® REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
10
IDT1337G
REV M 073013
I2C Serial Data Bus
The IDT1337G supports the I2C bus protocol. A device that
sends data onto the bus is defined as a transmitter and a
device receiving data as a receiver. The device that controls
the message is called a master. The devices that are
controlled by the master are referred to as slaves. A master
device that generates the serial clock (SCL), controls the
bus access, and generates the START and STOP conditions
must control the bus. The IDT1337G operates as a slave on
the I2C bus. Within the bus specifications, a standard mode
(100 kHz maximum clock rate) and a fast mode (400 kHz
maximum clock rate) are defined. The IDT1337G works in
both modes. Connections to the bus are made via the
open-drain I/O lines SDA and SCL.
The following bus protocol has been defined (see the “Data
Transfer on I2C Serial Bus” figure):
• Data transfer may be initiated only when the bus is not
busy.
• During data transfer, the data line must remain stable
whenever the clock line is HIGH. Changes in the data line
while the clock line is HIGH are interpreted as control
signals.
Accordingly, the following bus conditions have been defined:
Bus not busy: Both data and clock lines remain HIGH.
Start data transfer: A change in the state of the data line,
from HIGH to LOW, while the clock is HIGH, defines a
START condition.
Stop data transfer: A change in the state of the data line,
from LOW to HIGH, while the clock line is HIGH, defines the
STOP condition.
Data valid: The state of the data line represents valid data
when, after a START condition, the data line is stable for the
duration of the HIGH period of the clock signal. The data on
the line must be changed during the LOW period of the clock
signal. There is one clock pulse per bit of data.
Each data transfer is initiated with a START condition and
terminated with a STOP condition. The number of data
bytes transferred between START and STOP conditions are
not limited, and are determined by the master device. The
information is transferred byte-wise and each receiver
acknowledges with a ninth bit.
Acknowledge: Each receiving device, when addressed, is
obliged to generate an acknowledge after the reception of
each byte. The master device must generate an extra clock
pulse that is associated with this acknowledge bit.
A device that acknowledges must pull down the SDA line
during the acknowledge clock pulse in such a way that the
SDA line is stable LOW during the HIGH period of the
acknowledge related clock pulse. Of course, setup and hold
times must be taken into account. A master must signal an
end of data to the slave by not generating an acknowledge
bit on the last byte that has been clocked out of the slave. In
this case, the slave must leave the data line HIGH to enable
the master to generate the STOP condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com