Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC-2000 Datasheet(PDF) 7 Page - COTEK ELECTRONIC IND. CO., LTD

Part # SC-2000
Description  2000W Pure Sine Wave Inverter / Charger
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTEK [COTEK ELECTRONIC IND. CO., LTD]
Direct Link  https://www.cotek.com.tw/
Logo COTEK - COTEK ELECTRONIC IND. CO., LTD

SC-2000 Datasheet(HTML) 7 Page - COTEK ELECTRONIC IND. CO., LTD

  SC-2000 Datasheet HTML 1Page - COTEK ELECTRONIC IND. CO., LTD SC-2000 Datasheet HTML 2Page - COTEK ELECTRONIC IND. CO., LTD SC-2000 Datasheet HTML 3Page - COTEK ELECTRONIC IND. CO., LTD SC-2000 Datasheet HTML 4Page - COTEK ELECTRONIC IND. CO., LTD SC-2000 Datasheet HTML 5Page - COTEK ELECTRONIC IND. CO., LTD SC-2000 Datasheet HTML 6Page - COTEK ELECTRONIC IND. CO., LTD SC-2000 Datasheet HTML 7Page - COTEK ELECTRONIC IND. CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Remote Control & Green Terminal
2000W Pure Sine Wave Inverter / Charger
SC-2000 series
Remote control green terminal may be connected to a Form C relay for “FAULT” indication.
When “FAULT” occurs, the relay switches.
1 2 3 4 5 6
Remote control terminal
Dry contact terminal denition
Specications of the Relay
Item
1
2
3
Item
4
5
6
Dry contact (Normal Open)
Common
Dry contact (Normal Closed)
Description
Enable+ (ENB)
Enable- (ENB)
Ground
Description
250 VAC
250 VAC
24 VDC
24 VDC
Resistive
Resistive
Resistive
Resistive
-30℃~75℃
100,000
---
---
---
1 A
---
1 A
---
---
1 A
---
1 A
Load
Maximum
Voltage
Number of
operations
Operating/Storage
Temperature
Contact Rating
ENB
ON: INV.
ON
OFF: INV.
OFF
ENB
ENB
GND
BAT+
BAT-
GND
ENB
TR
GND
ON: INV.
ON
OFF: INV.
OFF
HI: INV.
ON [TR ON]
LOW: INV.
OFF [TR OFF]
ON: INV.
ON
+ DC
POWER
-
OFF: INV.
OFF
N.O
N.C
www.cotek.com.tw
No.33, Sec. 2, Renhe Rd., Daxi Dist., Taoyuan City 33548, Taiwan
Phone:+886-3-3891999
FAX:+886-3-3802333
REV. A5 21/09/01



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com