Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC-2000 Datasheet(PDF) 3 Page - COTEK ELECTRONIC IND. CO., LTD

Part # SC-2000
Description  2000W Pure Sine Wave Inverter / Charger
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTEK [COTEK ELECTRONIC IND. CO., LTD]
Direct Link  https://www.cotek.com.tw/
Logo COTEK - COTEK ELECTRONIC IND. CO., LTD

SC-2000 Datasheet(HTML) 3 Page - COTEK ELECTRONIC IND. CO., LTD

  SC-2000 Datasheet HTML 1Page - COTEK ELECTRONIC IND. CO., LTD SC-2000 Datasheet HTML 2Page - COTEK ELECTRONIC IND. CO., LTD SC-2000 Datasheet HTML 3Page - COTEK ELECTRONIC IND. CO., LTD SC-2000 Datasheet HTML 4Page - COTEK ELECTRONIC IND. CO., LTD SC-2000 Datasheet HTML 5Page - COTEK ELECTRONIC IND. CO., LTD SC-2000 Datasheet HTML 6Page - COTEK ELECTRONIC IND. CO., LTD SC-2000 Datasheet HTML 7Page - COTEK ELECTRONIC IND. CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Front panel
L
N
L
N
Function LED
2000W Pure Sine Wave Inverter / Charger
SC-2000 series
A
B
C
D
E
F
G
H
I
J
A
B
C
D
AC Output
AC Input
Chassis ground
Main switch
E
F
G
H
DIP switch
Function LED
AC input breaker
AC Output terminal (L/N)
I
J
AC Input terminal (L/N)
AC In/Output ground terminal
BAT : Display input voltage
LED Status
Red
Orange
Green
Orange
Red
DC12V
< 11.0V
11.0 ~ 11.5V
11.5 ~ 15.0V
15.0 ~ 15.5V
>15.5V
DC24V
< 22.0V
22.0 ~ 23.0V
23.0 ~ 30.0V
30.0 ~ 31.0V
>31.0V
Charger : Display Charger Stage
Load: Display AC loads (PF=1)
LED Status
Red
Orange
Green
Dark
SC-1200 / SC-2000
> 115%
100 ~ 115%
0 ~ 100 %
Charger Mode
LED Status
Orange Blink
Orange
Green
Red
Dark
SC-1200 / SC-2000
Bulk
Absorption
Float
Charger Error
Active
Equalization
Inverter Mode
Green Fast
Blink
Green Slow
Blink
Status : Display System Status
LED Status
Green
Orange
Red
Status
Normal
OTP
UTP
PLL/Frequency Fail
AC in UVP/OVP
AC IN OCP
OLP / SCP
Battery UVP
Battery OVP
Green Slow
Blink
Green Fast
Blink
Orange Slow
Blink
Orange Fast
Blink
Red Slow
Blink
Red Fast
Blink
*GEL Battery TYPE No Equalization function
*“Equalization function” can only open with communication



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com